Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62E62CD Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST62E62CD
Description  8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E62CD Datasheet(HTML) 4 Page - STMicroelectronics

  ST62E62CD Datasheet HTML 1Page - STMicroelectronics ST62E62CD Datasheet HTML 2Page - STMicroelectronics ST62E62CD Datasheet HTML 3Page - STMicroelectronics ST62E62CD Datasheet HTML 4Page - STMicroelectronics ST62E62CD Datasheet HTML 5Page - STMicroelectronics ST62E62CD Datasheet HTML 6Page - STMicroelectronics ST62E62CD Datasheet HTML 7Page - STMicroelectronics ST62E62CD Datasheet HTML 8Page - STMicroelectronics ST62E62CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
4/72
ST62T52CM-Auto ST62T62CM-Auto
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62T52C and ST62T62C devices is low cost
members of the ST62xx 8-bit HCMOS family of mi-
crocontrollers, which is targeted at low to medium
complexity applications. All ST62xx devices are
based on a building block approach: a common
core is surrounded by a number of on-chip periph-
erals.
The ST62E62C is the erasable EPROM version of
the ST62T62C device, which may be used to em-
ulate the ST62T52C and ST62T62C devices as
well as the ST6252C and ST6262B ROM devices.
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option byte of the
OTP/EPROM versions.
OTP devices offer all the advantages of user pro-
grammability at low cost, which make them the
ideal choice in a wide range of applications where
frequent code changes, multiple code versions or
last minute programmability are required.
These compact low-cost devices feature a Timer
comprising an 8-bit counter and a 7-bit program-
mable prescaler, an 8-bit Auto-Reload Timer,
EEPROM data capability (except ST62T52C), an
8-bit A/D Converter with 4 analog inputs and a Dig-
ital Watchdog timer, making them well suited for a
wide range of automotive, appliance and industrial
applications.
Figure 1. Block Diagram
TEST
NMI
INTERRUPT
PROGRAM
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
PORT A
PORT B
TIMER
DIGITAL
8 BIT CORE
TEST/VPP
8-BIT
A/D CONVERTER
PA4..PA5 / Ain
PB0, PB2..PB3 / 30 mA Sink
VDD VSS OSCin OSCout
RESET
WATCHDOG
MEMORY
PB6 / ARTimin / 20 mA Sink
PORT C
PC2..PC3 / Ain
AUTORELOAD
TIMER
PB7 / ARTimout / 20 mA Sink
128 Bytes
1836 bytes OTP
(ST62T52C, T62C)
1836 bytes EPROM
(ST62E62C)
DATA EEPROM
64 Bytes
(ST62T62C/E62C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com