Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6701BA2ML Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC6701BA2ML
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701BA2ML Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6701BA2ML Datasheet HTML 14Page - Torex Semiconductor XC6701BA2ML Datasheet HTML 15Page - Torex Semiconductor XC6701BA2ML Datasheet HTML 16Page - Torex Semiconductor XC6701BA2ML Datasheet HTML 17Page - Torex Semiconductor XC6701BA2ML Datasheet HTML 18Page - Torex Semiconductor XC6701BA2ML Datasheet HTML 19Page - Torex Semiconductor XC6701BA2ML Datasheet HTML 20Page - Torex Semiconductor XC6701BA2ML Datasheet HTML 21Page - Torex Semiconductor XC6701BA2ML Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18/32
XC6701 Series
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5)Output Voltage vs. Ambient Temperature (Continued)
XC6701B/D C02
11.5
11.6
11.7
11.8
11.9
12.0
12.1
12.2
12.3
12.4
12.5
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=20mA
V
IN=VCE, CIN=CL=1.0μF(ceramic)
XC6701B/D J02
17.0
17.2
17.4
17.6
17.8
18.0
18.2
18.4
18.6
18.8
19.0
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=20mA
V
IN=VCE, CIN=CL=1.0μF(ceramic)
XC6701B/D 332
1.3
2.3
3.3
4.3
5.3
6.3
7.3
Time (1ms/div)
3.26
3.28
3.30
3.32
3.34
3.36
3.38
Input Voltage
I
OUT=1mA, tr=tf=5μs
C
L=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D 332
1.3
2.3
3.3
4.3
5.3
6.3
7.3
Time (1ms/div)
3.26
3.28
3.30
3.32
3.34
3.36
3.38
Input Voltage
I
OUT=30mA, tr=tf=5μs
C
L=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D 502
3
4
5
6
7
8
9
Time (1ms/div)
4.96
4.98
5.00
5.02
5.04
5.06
5.08
Input Voltage
I
OUT=1mA, tr=tf=5μs
C
L=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D 502
3
4
5
6
7
8
9
Time (1ms/div)
4.96
4.98
5.00
5.02
5.04
5.06
5.08
Input Voltage
I
OUT=30mA, tr=tf=5μs
C
L=1.0μF (ceramic), Ta=25℃
Output Voltage
(6) Input Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com