Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA335BWS Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 6Page - STMicroelectronics STA335BWS Datasheet HTML 7Page - STMicroelectronics STA335BWS Datasheet HTML 8Page - STMicroelectronics STA335BWS Datasheet HTML 9Page - STMicroelectronics STA335BWS Datasheet HTML 10Page - STMicroelectronics STA335BWS Datasheet HTML 11Page - STMicroelectronics STA335BWS Datasheet HTML 12Page - STMicroelectronics STA335BWS Datasheet HTML 13Page - STMicroelectronics STA335BWS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
Description and block diagram
STA335BWS
10/68
1.2
Block diagram
Figure 2.
Block diagram
Protection
current/thermal
Logic
Regulators
Bias
Power
control
DDX
PLL
Volume
control
Channel
1A
Channel
1B
Channel
2A
Channel
2B
I2S
interface
Power
Digital DSP
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com