Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA335BWS13TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA335BWS13TR
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS13TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA335BWS13TR Datasheet HTML 13Page - STMicroelectronics STA335BWS13TR Datasheet HTML 14Page - STMicroelectronics STA335BWS13TR Datasheet HTML 15Page - STMicroelectronics STA335BWS13TR Datasheet HTML 16Page - STMicroelectronics STA335BWS13TR Datasheet HTML 17Page - STMicroelectronics STA335BWS13TR Datasheet HTML 18Page - STMicroelectronics STA335BWS13TR Datasheet HTML 19Page - STMicroelectronics STA335BWS13TR Datasheet HTML 20Page - STMicroelectronics STA335BWS13TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
STA335BWS
Electrical specifications
17/68
3.5
Power-on sequence
Table 7.
Power-on sequence
Where:
TR = minimum time between XTI master clock stable and Reset removal: 1 ms
TC = minimum time between Reset removal and I2C program, sequence start: 1msec
Note:
Clock stable means: fmax - fmin < 1 MHz
Note:
No specific VCC and VDD_Dig turn
−on sequence is required
3.6
Testing
3.6.1
Functional pin status
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Don’t care
CMD0
CMD1
CMD2
VCC
VDD_Dig
XTI
Reset
I2C
PWDN
TR
TC
Don’t care
Table 8.
Functional pin status
Pin name
Pin #
Logic value
IC status
PWRDN
23
0
Low absorption
PWRDN
23
1
Normal operation
TWARN
20
0
From external power stage is indicated a temperature
warning
TWARN
20
1
Normal operation
EAPD
19
0
Low absorption for power stage
All internal regulators are switched off
EAPD
19
1
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com