Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6202P982PR Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6202P982PR
Description  High Voltage Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202P982PR Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6202P982PR Datasheet HTML 17Page - Torex Semiconductor XC6202P982PR Datasheet HTML 18Page - Torex Semiconductor XC6202P982PR Datasheet HTML 19Page - Torex Semiconductor XC6202P982PR Datasheet HTML 20Page - Torex Semiconductor XC6202P982PR Datasheet HTML 21Page - Torex Semiconductor XC6202P982PR Datasheet HTML 22Page - Torex Semiconductor XC6202P982PR Datasheet HTML 23Page - Torex Semiconductor XC6202P982PR Datasheet HTML 24Page - Torex Semiconductor XC6202P982PR Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21/32
XC6202
Series
●XC6202PC02 (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Transient Response 1
(10) Load Transient Response
(9) Input Transient Response 2
XC6202PC02 (12V)
XC6202PC02 (12V)
XC6202PC02 (12V)
XC6202PC02 (12V)
Time (0.4ms/div)
Time (0.4ms/div)
Time (1ms/div)
Time (1ms/div)
Time (1ms/div)
IOUT=1mA, tr=5
μs
CIN=CL=1
μF (ceramic), Topr=25℃
IOUT=1mA, tr=5
μs
CIN=CL=1
μF (ceramic), Topr=25℃
IOUT=30mA, tr=5
μs
CIN=CL=1
μF (ceramic), Topr=25℃
IOUT=30mA, tr=5
μs
CIN=CL=1
μF (ceramic), Topr=25℃
IOUT=2.8mA, tr=tf=5
μs
CIN=CL=1
μF (ceramic), Topr=25℃
XC6202PC02 (12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com