Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE3800 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ADE3800_05 Datasheet HTML 57Page - STMicroelectronics ADE3800_05 Datasheet HTML 58Page - STMicroelectronics ADE3800_05 Datasheet HTML 59Page - STMicroelectronics ADE3800_05 Datasheet HTML 60Page - STMicroelectronics ADE3800_05 Datasheet HTML 61Page - STMicroelectronics ADE3800_05 Datasheet HTML 62Page - STMicroelectronics ADE3800_05 Datasheet HTML 63Page - STMicroelectronics ADE3800_05 Datasheet HTML 64Page - STMicroelectronics ADE3800_05 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
61/138
ADE3800
Register Description by Block
Number of bars in C1 = PGEN_P0_MODE[4:2] +1 = 4 (bars 0 to 3)
PGEN_P0_SEQ_COL0_COL1 = 42:
Bar 0 filters G and B components but lets R pass: this 1st bar is displayed in red
Bar 1 filters R and B components but lets G pass: this 2nd bar is displayed in green
PGEN_P0_SEQ_COL2_COL3 = 17:
Bar 2 filters R and G components but lets B pass: this 3rd bar is displayed in blue
Bar 3 does not filter any of the R G B components: this 4th bar is displayed in white
PGEN_P0_SEQ_COL4_COL5 = 77: bars 4 and 5 do not filter R G B and are displayed in white.
PGEN_P0_SEQ_COL6_COL7 is don’t care, since a maximum of 6 bars is used by C0 and C1.
Across the display, 6 bars [red] [green] [blue] [white] [white] [white] (from C0 group) are now
displayed, followed by 4 bars [red] [green] [blue] [white] (from C1 group), then again 6 bars from
C0 group etc.. until the right border of the display area is reached:
The bars also repeat vertically.
4.11.2.4 Gradient Control
The gradient control registers modify the colors C0 and C1 as follows:
PGEN_P0_GRADDELTA_R: increment the Red value by this register value
PGEN_P0_GRADDELTA_G: increment the Green value by this register value
PGEN_P0_GRADDELTA_B: increment the Blue value by this register value
PGEN_P0_GRADSTEP_X: apply the increment value to each color every X horizontal pixels
PGEN_P0_GRADSTEP_Y: apply the increment value to each color every Y vertical lines
Col Sequence:
(‘bar0’ = 5,
’bar1’ = 3 )
&
=
&
=
C0
C0
C0
C0
C0
C0
C0
C0
C1
C1
C1
C1
C1
C1
C1
C1
RGB
2
RGB
0
RGB
1
RGB
3
RGB
4
RGB
5
RGB
6
RGB
7
RGB
2
RGB
0
RGB
1
RGB
3
RGB
4
RGB
5
RGB
6
RGB
7
2
01
3
4
5
6
7
2
0
1
3
4
5
6
7
width
(in pix)
width
(in pix)
width
(in pix)
width
(in pix)
RGBmasks
(3 bit each)
seq_colx_colx
RGBcolors
(24 bit)
Resulting pattern:
disabled
disabled
Identical mask sets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com