Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE3800SXL Datasheet(PDF) 133 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 129Page - STMicroelectronics ADE3800SXL Datasheet HTML 130Page - STMicroelectronics ADE3800SXL Datasheet HTML 131Page - STMicroelectronics ADE3800SXL Datasheet HTML 132Page - STMicroelectronics ADE3800SXL Datasheet HTML 133Page - STMicroelectronics ADE3800SXL Datasheet HTML 134Page - STMicroelectronics ADE3800SXL Datasheet HTML 135Page - STMicroelectronics ADE3800SXL Datasheet HTML 136Page - STMicroelectronics ADE3800SXL Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 138 page
background image
133/138
ADE3800
ADE3800 vs ADE3700
8
ADE3800 vs ADE3700
The following gives an overview of the main differences between ADE3700 and ADE3800:
Package
100 pin LQFP for LVDS 1&2 channels and RSDS 1 channel application
128 pin LQFP for RSDS 2 pixel per clock support
5V tolerant inputs do not have internal pull-up resistors
I2C Interface
Add Block Transfer for fast internal data move/swap/copy
Registers
Now all registers runs on XCLK
RGB register address ordering is reversed to BGR
Analog Front End (ADC & SOG)
New ADC design with higher performances
Add Internal SOG Sync Stripper with bypass option (external SOG TTL pin)
SOG activity can operate while ADC Power is down (wakeup from DPMS by SOG support)
Per channel skew control
Analog Filter bandwidth programmable
Gain and Offset independent and linear
10-bit ADC using Analog Dithering Technique (ADTH)
Line Lock PLL (LLK)
Synthesized Internal HSync has 50% duty cycle
Phase step is 4 times more precise
Phase range can exceed one clock period delay
Lock filter removed
Fewer registers, simplifies some programming
Clock and Phase are both shadowed
FM Modulation amplitude step is 16 times more precise
Sync Measurement (SMEAS)
Remove out of range register
Add Fast Mute function
Group all the fast mute flags in SMEAS with sticky bit and enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com