Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE3800SXL Datasheet(PDF) 134 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 130Page - STMicroelectronics ADE3800SXL Datasheet HTML 131Page - STMicroelectronics ADE3800SXL Datasheet HTML 132Page - STMicroelectronics ADE3800SXL Datasheet HTML 133Page - STMicroelectronics ADE3800SXL Datasheet HTML 134Page - STMicroelectronics ADE3800SXL Datasheet HTML 135Page - STMicroelectronics ADE3800SXL Datasheet HTML 136Page - STMicroelectronics ADE3800SXL Datasheet HTML 137Page - STMicroelectronics ADE3800SXL Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 138 page
background image
ADE3800 vs ADE3700
ADE3800
134/138
Sync Mux (SMUX)
Set/Reset replaced by Pos/Size references
Add Vtrigger to make framelock reference in the center of the frame, allowing easier artifact
free implementation on wide picture position changes
Data Measurement (DMEAS)
Scratch pad register removed
DMEAS uses only the 7 MSB Color data information for processing
Scaler Zoom (SCALE)
Simpler kernel programming, fewer registers
New context sensitive scaler function
H & V Sharpness control
Includes former OSEQ functionality
TCON generates the panel output and reference internal signals
Pattern Generator (PGEN)
Only one pattern engine (P0); P1 is input video
TCON Windowing control added
Color Transformations (SRGB)
2x and 4x Delta magnification options added
RGB programmable max clipping function added
Gamma Correction (GAM)
10 bit input and 10 bit output with bypass option
Relative 8 bit 2s-complement value delta tables (3x256)
2x Delta magnification option, with limiting
RGB Offset within an input range option available
On Screen Display (OSD)
New concept
Support 1,2,3,4 bpp characters
64 True color palette with 4 bit alpha blending per color
Common RAM shared between text and font
Text can be displayed anywhere on the screen
OSD Position is in pixel and line unit
Per character H and V flip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com