Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6226Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 3Page - STMicroelectronics L6226Q Datasheet HTML 4Page - STMicroelectronics L6226Q Datasheet HTML 5Page - STMicroelectronics L6226Q Datasheet HTML 6Page - STMicroelectronics L6226Q Datasheet HTML 7Page - STMicroelectronics L6226Q Datasheet HTML 8Page - STMicroelectronics L6226Q Datasheet HTML 9Page - STMicroelectronics L6226Q Datasheet HTML 10Page - STMicroelectronics L6226Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
L6226Q
Electrical characteristics
7/28
3
Electrical characteristics
Table 5.
Electrical characteristcs TA = 25 °C, Vs = 48 V, unless otherwise specified
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VSth(ON)
Turn-on threshold
5.8
6.3
6.8
V
VSth(OFF)
Turn-off threshold
5
5.5
6
V
IS
Quiescent supply current
All bridges OFF;
TJ = -25 °C to 125 °C
(1)
510
mA
TJ(OFF)
Thermal shutdown temperature
165
°C
Output DMOS transistors
RDS(on)
High-side + low-side switch ON
resistance
TJ = 25 °C
1.47
1.69
Ω
TJ = 125 °C
(1)
2.35
2.70
Ω
IDSS
Leakage current
EN = Low; OUT = VS
2mA
EN = Low; OUT = GND
-0.3
mA
Source drain diodes
VSD
Forward ON voltage
ISD = 2.8 A, EN = LOW
1.15
1.3
V
trr
Reverse recovery time
If = 1.4 A
300
ns
tfr
Forward recovery time
200
ns
Logic input
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low level logic input current
GND logic input voltage
-10
µA
IIH
High level logic input current
7 V logic input voltage
10
µA
Vth(ON)
Turn-on input threshold
1.8
2.0
V
Vth(OFF)
Turn-off input threshold
0.8
1.3
V
Vth(HYS)
Input threshold hysteresis
0.25
0.5
V
Switching characteristics
tD(on)EN
Enable to out turn ON delay time (2)
ILOAD =1.4 A, resistive load
500
800
ns
tD(on)IN
Input to out turn ON delay time
ILOAD =1.4 A, resistive load
(dead time included)
1.9
µs
tRISE
Output rise time (2)
ILOAD =1.4 A, resistive load
40
250
ns
tD(off)EN
Enable to out turn OFF delay time (2)
ILOAD =1.4 A, resistive load
500
800
1000
ns
tD(off)IN
Input to out turn OFF delay time
ILOAD =1.4 A, resistive load
500
800
1000
ns
tFALL
Output fall time (2)
ILOAD =1.4 A, resistive load
40
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com