Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-L6258EP Datasheet(PDF) 1 Page - STMicroelectronics

Part # E-L6258EP
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6258EP Datasheet(HTML) 1 Page - STMicroelectronics

  E-L6258EP Datasheet HTML 1Page - STMicroelectronics E-L6258EP Datasheet HTML 2Page - STMicroelectronics E-L6258EP Datasheet HTML 3Page - STMicroelectronics E-L6258EP Datasheet HTML 4Page - STMicroelectronics E-L6258EP Datasheet HTML 5Page - STMicroelectronics E-L6258EP Datasheet HTML 6Page - STMicroelectronics E-L6258EP Datasheet HTML 7Page - STMicroelectronics E-L6258EP Datasheet HTML 8Page - STMicroelectronics E-L6258EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
December 2007
Rev 4
1/32
1
L6258EP
PWM controlled
high current DMOS universal motor driver
Features
■ Able to drive both windings of a bipolar stepper
motor or two DC motors
■ Output current up to 1.3A each winding
■ Wide voltage range: 12V to 40V
■ Four quadrant current control, ideal for
microstepping and DC motor control
■ Precision PWM control
■ No need for recirculation diodes
■ TTL/CMOS compatible inputs
■ Cross conduction protection
■ Thermal shutdow
Description
L6258EP is a dual full bridge for motor control
applications realized in BCD technology, with the
capability of driving both windings of a bipolar
stepper motor or bidirectionally control two DC
motors.
L6258EP and a few external components form a
complete control and drive circuit. It has high
efficiency phase shift chopping that allows a very
low current ripple at the lowest current control
levels, and makes this device ideal for steppers as
well as for DC motors.
The power stage is a dual DMOS full bridge
capable of sustaining up to 40V, and includes the
diodes for current recirculation. The output current
capability is 1.3A per winding in continuous mode,
with peak start-up current up to 2A. A thermal
protection circuitry disables the outputs if the chip
temperature exceeds the safe limits.
PowerSSO36
Table 1.
Device summary
Order code
Package
Packing
E-L6258EP
PowerSSO36
Tube
www.st.com


Similar Part No. - E-L6258EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L6258EP STMICROELECTRONICS-E-L6258EP Datasheet
280Kb / 22P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Jul-2005
More results

Similar Description - E-L6258EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6258 STMICROELECTRONICS-L6258 Datasheet
215Kb / 18P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Apr-2000
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Sep-2004
L6258EP STMICROELECTRONICS-L6258EP Datasheet
280Kb / 22P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Jul-2005
L6258 STMICROELECTRONICS-L6258_07 Datasheet
314Kb / 32P
PWM controlled high current DMOS universal motor driver
22-Nov-2007
L6258E STMICROELECTRONICS-L6258E_07 Datasheet
308Kb / 31P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
L6258EA STMICROELECTRONICS-L6258EA Datasheet
306Kb / 32P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
L6258EX STMICROELECTRONICS-L6258EX_07 Datasheet
307Kb / 32P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
logo
STMicroelectronics
L6258EXTR STMICROELECTRONICS-L6258EXTR Datasheet
305Kb / 32P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com