Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMD250STP Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPMD250STP
Description  2.5 A bipolar stepper motor drive module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD250STP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPMD250STP Datasheet HTML 20Page - STMicroelectronics SPMD250STP Datasheet HTML 21Page - STMicroelectronics SPMD250STP Datasheet HTML 22Page - STMicroelectronics SPMD250STP Datasheet HTML 23Page - STMicroelectronics SPMD250STP Datasheet HTML 24Page - STMicroelectronics SPMD250STP Datasheet HTML 25Page - STMicroelectronics SPMD250STP Datasheet HTML 26Page - STMicroelectronics SPMD250STP Datasheet HTML 27Page - STMicroelectronics SPMD250STP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Thermal operating conditions
SPMD250STP
24/29
Ppw = 1.1 x [2x1.8x1x0.25+2x1x1x0.75 + 0.5 x1]
Ppw = 1.1 x [0.9 + 1.5 + 0.5] = 3.19 W
The factor 1.1 takes into account the power dissipation during the switching transient.
SLOW DECAY. The power dissipation during the ON period is the same. The
RECIRCULATION is made internally through a power transistor (Vsatsink) and a diode. The
power dissipation is, therefore:
Ppw = 1.1x [2 Vsat x Iph x D.C.+(Vsat+Vd) x Iph x (1-D.C.)]
Ppw = 1.1x [2 x 1.8 x 1 x 0.25 + (1.8 + 1) x 1 x 0.75]
Ppw = 1.1 x [0.9 + 2.1] = 3.3 W
WAVE MODE. When operating in this mode the power dissipation is given by values of
FAST and SLOW DECAY mode, because one phase is energized at any given time.
NORMAL MODE. At any given time, two windings are always energized. The power
dissipation of the power output stage is therefore multiplied by a factor 2.
HALF STEP. The power sequence, one-phase-on, two-phase-on forces the power
dissipation to be 1.5 times higher than in WAVE MODE when the motor is running. In stall
condition the worst case for power dissipation is with two-phase-on i.e. a power dissipation
as in NORMAL MODE.
The following table summarizes the power dissipations of the output power stage of the
SPMD250STP when running for this example:
●
Calculate the total power dissipation for the SPMD250STP :
Ptot = Plogic + Ppw
In this example, for slow decay and normal mode
Ptot = 1.1 + 6.6 = 7.7 W
●
The case temperature can now be calculated:
Tcase = Tamb + (Ptot x Rth) = 55 + (7.7 x 5) = 93.5 °C
●
If the calculated case temperature exceeds the maximum allowed case temperature, as
in this example, an external heat-sink is required and the thermal resistance can be
calculated according to:
Equation 5
Table 4.
Power dissipations
Wave
Normal
Half Step
Fast Decay
3.19 W
6.38 W
6.38 W
Slow Decay
3.30 W
6.60 W
6.60 W
Rth
tot
T
cmax
T
amb
–
P
tot
-----------------------------------
85
55
–
7.7
-------------------
3.9
°C
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com