Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE2007DIE2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 4Page - STMicroelectronics STE2007DIE2 Datasheet HTML 5Page - STMicroelectronics STE2007DIE2 Datasheet HTML 6Page - STMicroelectronics STE2007DIE2 Datasheet HTML 7Page - STMicroelectronics STE2007DIE2 Datasheet HTML 8Page - STMicroelectronics STE2007DIE2 Datasheet HTML 9Page - STMicroelectronics STE2007DIE2 Datasheet HTML 10Page - STMicroelectronics STE2007DIE2 Datasheet HTML 11Page - STMicroelectronics STE2007DIE2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Driver pin description
STE2007
8/62
2.3
Configuration pins
Table 4.
High voltage pins
Signal
Type
Description
Note
VLCD
High
Voltage
Booster Output
Cext = 0.1-1
µF
Connected to Vss
VLCD_SENSE
High
Voltage
Booster Sense Input
Must be connected to
Vlcd at module level
COM0 to
COM67
High
Voltage
LCD Row Driver Output
Unused lines must be left
floating
COMS
High
Voltage
LCD Row Driver Output
Unused lines must be left
floating
SEG0 to SEG95
High
Voltage
LCD Column Driver Output
Unused lines must be left
floating
Table 5.
Configuration pin description
Signal
Type
Config
Description
Note
OSCIN
I
VSS/VSSAUX
Internal Oscillator Stopped
VDDI
Internal Oscillator Active
SEL0 -SEL1
I
IDA
I
VSS/VSSAUX
IDA=”0”
VDDI
IDA=”1”
IDB
I
VSS/VSSAUX
IDB=”0”
VDDI
IDB=”1”
SEL1
SEL0
Interfa
VSS/VSSAUX
VSS//VSSAUX
I2C
VSS/VSSAUX
VDD1
SPI 4-Line
VDD1
VSS/VSSAUX
Serial 3-Lin
VDD1
VDD1
Not Us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com