Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN8815A09 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STN8815A09
Description  Mobile multimedia application processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8815A09 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STN8815A09 Datasheet HTML 14Page - STMicroelectronics STN8815A09 Datasheet HTML 15Page - STMicroelectronics STN8815A09 Datasheet HTML 16Page - STMicroelectronics STN8815A09 Datasheet HTML 17Page - STMicroelectronics STN8815A09 Datasheet HTML 18Page - STMicroelectronics STN8815A09 Datasheet HTML 19Page - STMicroelectronics STN8815A09 Datasheet HTML 20Page - STMicroelectronics STN8815A09 Datasheet HTML 21Page - STMicroelectronics STN8815A09 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Package mechanical data
STn8815A09
18/21
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 1.
Package dimensions
Ref.
Min
Typ
Max
Unit
A-
1.00
mm
A1
0.125
-
-
mm
A2
-
0.775
-
mm
A3
0.19
mm
A4
0.60
mm
b
0.22
0.26
0.30
mm
D
8.95
9.00
9.05
mm
D1
8.00
mm
E
8.95
9.00
9.05
mm
E1
8.00
mm
e0.40
mm
F0.50
mm
ddd
0.08
mm
eee
0.13
mm
fff
0.04
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com