Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST608AH1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # QST608AH1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST608AH1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button QST608AH1 Datasheet HTML 2Page - STMicroelectronics QST608AH1 Datasheet HTML 3Page - STMicroelectronics QST608AH1 Datasheet HTML 4Page - STMicroelectronics QST608AH1 Datasheet HTML 5Page - STMicroelectronics QST608AH1 Datasheet HTML 6Page - STMicroelectronics QST608AH1 Datasheet HTML 7Page - STMicroelectronics QST608AH1 Datasheet HTML 8Page - STMicroelectronics QST608AH1 Datasheet HTML 9Page - STMicroelectronics QST608AH1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Pin description
QST108
6/51
2
Pin description
1.
An external pull-up is required on these pins.
Figure 1.
32-pin package pinout
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 1213 14 15 16
1
2
3
4
5
6
7
8
I2C_SCL/KOUT81) (HS)
RESET
NC
VDD_1
GPO4/KOUT4/OPT4 (HS)
GPO5/KOUT5/OPT5 (HS)
IRQ/KOUT6/OPT6 (HS)
I2C_SDA/KOUT71) (HS)
SNS_SCK6
SNSK_SCK5
SNSK_SCK2
SNS_SCK3
SNS_SCK4
SNS_SCK5
SNSK_SCK4
SNSK_SCK3
QST108KT6
(HS) 20 mA high sink capability (on N-buffer only)
Table 2.
Device pin description
Pin
Pin name
Type (1)
Stand-alone mode function
I2C mode function
If unused
1
GPO4/OPT4/KOUT4 (2)
PP (HS)
Key 4 output / BCD output 4
and MOD_0 option resistor
General purpose output 4
and I²C address bit 2
option resistor
Option
resistor
2
GPO5/OPT5/KOUT5 (2)
PP (HS)
Key 5 output and
MOD_1 option resistor
General purpose output 5
Open or
option
resistor
3
OPT6/KOUT6/IRQ (2)
PP/OD
(HS)
Key 6 output and
OM_0 option resistor
Interrupt line (active low)
Open or
option
resistor
4
KOUT7/I2C_SDA(3)
TOD
(HS)
Key 7 output
I2C serial data
Open
5
KOUT8/I2C_SCL(3)
TOD
(HS)
Key 8 output
I2C serial clock
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com