Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP4NC50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4NC50
Description  N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NC50 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4NC50 Datasheet HTML 1Page - STMicroelectronics STP4NC50 Datasheet HTML 2Page - STMicroelectronics STP4NC50 Datasheet HTML 3Page - STMicroelectronics STP4NC50 Datasheet HTML 4Page - STMicroelectronics STP4NC50 Datasheet HTML 5Page - STMicroelectronics STP4NC50 Datasheet HTML 6Page - STMicroelectronics STP4NC50 Datasheet HTML 7Page - STMicroelectronics STP4NC50 Datasheet HTML 8Page - STMicroelectronics STP4NC50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2000
STP4NC50
STP4NC50FP
N-CHANNEL 500V - 2.2
Ω - 4A TO-220/TO-220FP
PowerMesh
™II MOSFET
s
TYPICAL RDS(on) = 2.2 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™ II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVES
ABSOLUTE MAXIMUM RATINGS
(
•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP4NC50
500 V
< 2.7
Ω
4A
STP4NC50FP
500 V
< 2.7
Ω
4A
Symbol
Parameter
Value
Unit
STP4NC50
STP4NC50FP
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC =25°C
4
4(*)
A
ID
Drain Current (continuos) at TC = 100°C
2.5
2.5(*)
A
IDM (q)
Drain Current (pulsed)
12
16(*)
A
PTOT
Total Dissipation at TC =25°C
80
40
W
Derating Factor
0.64
0.32
W/
°C
dv/dt (1)
Peak Diode Recovery voltage slope
3.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤4A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
INTERNAL SCHEMATIC DIAGRAM
1
2
3
1
2
3
TO-220
TO-220FP


Similar Part No. - STP4NC50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP4NC50 ISC-STP4NC50 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
STP4NC50FP ISC-STP4NC50FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NB80 STMICROELECTRONICS-STB4NB80 Datasheet
52Kb / 6P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET
Jun-1998
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
N-CHANNEL 500V - 2.2Ω - 4A D2PAK PowerMesh™ II MOSFET
Jul-2000
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
Nov-1999
STP3NC60 STMICROELECTRONICS-STP3NC60 Datasheet
108Kb / 9P
N-CHANNEL 600V - 3.3ohm - 3A TO-220/TO-220FP PowerMeshII MOSFET
May-2000
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP9NC60 STMICROELECTRONICS-STP9NC60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 0.6ohm - 9A TO-220/TO-220FP PowerMESHII MOSFET
Feb-2000
STD6NK50ZT4 STMICROELECTRONICS-STD6NK50ZT4 Datasheet
404Kb / 12P
N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com