Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0984 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV0984
Description  2 Megapixel SMIA profile 2 mobile imaging processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0984 Datasheet(HTML) 3 Page - STMicroelectronics

  STV0984_07 Datasheet HTML 1Page - STMicroelectronics STV0984_07 Datasheet HTML 2Page - STMicroelectronics STV0984_07 Datasheet HTML 3Page - STMicroelectronics STV0984_07 Datasheet HTML 4Page - STMicroelectronics STV0984_07 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STV0984
Technical specifications
3/5
2
Technical specifications
Table 2.
Technical specifications
Parameter
Description
Technology
0.13 µm HCMOS 9
Sensor
SMIA compliant CMOS sensors up to 2 Megapixels
Frame rate
Up to 25 fps
@ 2MP JPEG + QQVGA RGB888
@ VGA YUV422
@ QCIF YUV422+QVGA RGB888
Still digital zoom
x4 2MP (x4 upscale)
Video/Viewfinder digital zoom
if single video mode:
x10 VGA; x20 QVGA;
(x4 upscale)
If interleaved video mode:
x8 QVGA RGB565+QCIF YUV422
Power supply
2.8V, 1.8V (I/O ring), 1.2V core logic, +/- 0.1V
(Optional 1.2V internal regulator from 1.8V)
Power requirements
2MP JPEG + QQVGA
@ 15fps:
120 mA @1.2V ;
15 mA @ 1.8V
(+5 mA if internal regulator ON)
Standby < 50µW
Package
Rohs compliant (Leadfree) TFBGA 84 balls 6 x 6 x 1.2 mm3
Table 3.
Temperature ranges
Temperature
Range (°C)
Storage
-40 to +150
Operating
-25 to +70



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com