Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4811MBHD/LF Datasheet(PDF) 51 Page - STMicroelectronics

Part # STW4811MBHD/LF
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBHD/LF Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STW4811MBHD/LF Datasheet HTML 47Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 48Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 49Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 50Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 51Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 52Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 53Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 54Page - STMicroelectronics STW4811MBHD/LF Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
Functional description
STw4811M/STw4811N
50/85
UART mode
UART mode is entered by setting the ‘uart_en’ bit to 1 (
USB control register 1 - Table 11).
The transceiver contains two digital logic level translators between the following balls:
●
TXD signal: from USBVM ball to DN ball
●
RXD signal: from DP ball to USBVP ball
When not in UART mode the level translators are disabled.
VBUS monitoring and control
The monitoring is made of three comparators that determine if the VBUS voltage is at a valid
level for operation:
●
VBUS VALID: It corresponds to the minimum level on VBUS. Any voltage on VBUS
below the threshold is considered to be a fault. During power-up, it is expected that this
comparator output is ignored.
●
VBUS SESSION VALID: This threshold is necessary for session request protocol to
detect the VBUS pulsing.
●
VBUS SESSION END: Session is ended. In this USB block, a B-device Session End
threshold is defined within the range [0.2; 0.8] V. The reason for a low 0.2 V limit is that
the leakage current could charge the VBUS up to 0.2 V (maximum).
When the A-device (default master) is power supplied and does not supply VBUS, it
presents an input impedance RA_BUS_IN on VBUS of no more than 100 k
Ω. If the A-device
responds to the VBUS pulsing method of SRP, then the input impedance RA_BUS_IN may
not be lower than 40 k
Ω.
When the A-device supplies power, the rise time TA_VBUS_RISE on VBUS to go from 0 to
4.4 V is less than 100 ms when driving 100 mA and with an external load capacitance of
10 µF (in addition to VBUS decoupling capacitance). If VBUS does not reach this voltage
within TA_VBUS_RISE maximum time, it indicates that the B-device is drawing more current
that the A-device is capable of providing and an over-current condition exists. In this case,
the A-device turns VBUS off and terminates the session.
VBUS capacitance
A dual-role device must have a VBUS capacitance CDRD_VBUS value comprised between
1 µF and 6.5 µF (see charge pump specification). The limit on the decoupling capacitance
allows a B-device to differentiate between a powered-down dual-role device and a powered-
down standard host. The capacitance on a host is higher than 96 µF.
Data line pull-down resistance
The two bits of
USB control register, dp_pulldown and dn_pulldown (Table 12) are used to
connect/disconnect the pull-down resistors.
When an A-device is idle or acting as host, it activates the pull-down resistors RPD on both
DP and DN lines.
When an A-device is acting as peripheral, it disables RPD on DP, not DN.
The A-device can disable both pull-down resistors during the interval of a packet
transmission when acting as either host or peripheral.
When the line is not used, the pull-down is activated and the maximum level on this ball
should not exceed 0.342 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com