Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4811MBHDT/LF Datasheet(PDF) 53 Page - STMicroelectronics

Part # STW4811MBHDT/LF
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBHDT/LF Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STW4811MBHDT/LF Datasheet HTML 49Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 50Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 51Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 52Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 53Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 54Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 55Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 56Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
Functional description
STw4811M/STw4811N
52/85
●
Session Request Protocol (SRP)
If the B-device is in correct condition to start a new session, it first performs data line
pulsing, followed by VBUS pulsing. When VBUS next crosses the SESSION VALID
threshold, the B- device considers a session to be in progress and asserts the DP or DN
data line within 100 ms. After SRP initialization, the B- device is set up to wait for at least 5
seconds for the A-device to respond before informing the user that the consumption attempt
has failed.
●
Host Negotiation Protocol (HNP)
At the start of a session, the A-device has the role of host as default. During a session, the
host role can be transferred back and forth between the A-device and the B-device any
number of times using the Host Negotiation Protocol (HNP). The sequence of events for this
exchange of host role is described in the “On the Go Supplement to the USB 2.0
Specification” (rev 1.0) as follow:
–
The A-device puts the bus in the suspend state
–
The B-device simulates a disconnect by de-asserting its DP pull-up
–
The A-device detects SE0 on the bus and asserts its DP pull-up
–
The B-device detects that DP line is high and takes the role of the host.
ID detector
In either active or suspended power mode, the ID detector detects the condition of the ID
line and differentiates between the following three conditions:
●
ID ball floating: (e.g. with USB B-device connected)
●
ID ball shorted to ground: (e.g. with USB A-device connected)
●
ID ball connected to ground through resistor RACC_ID: (e.g.with an accessory).
The transceiver pulls the ID ball to VID_HI (VBAT) through a resistance of RID_PU when an
accessory is plugged in. In this case, the ID ball is externally connected to ground via
Racc_ID resistor.
Two comparators are used to detect the ID voltage: VID_GND and VID_FLOAT (
Figure 13).
The ID detector also has a switch that can be used to ground the ID ball. This switch is
controlled by ‘id_gnd bit’ of
USB control register 2 (Table 12); This pull-down is used for
CEA_KARKIT purposes.
Car kit interrupt detector
The transceiver is able to detect when the DP line is below the car kit interrupt threshold
‘cr_int’, (see
USB interrupt register in Table 13 and refer to OTG specifications, Rev 0.92,
§2.7, p13).
Charge pump
From VBAT_USB, the charge pump supplies VBUS, ‘vbus_drv’ bit of
USB control register 2
(
Table 12) is used to enable/disable the charge pump.
If VBUS is “ON” before going to sleep mode, it remains “ON” in sleep mode.
LDO USB
From VBAT_USB, a LDO provides VUSB supply, ‘usb_en’ bit of
USB_EN register (Table 17)
is used to enable/disable the VUSB LDO and the transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com