Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4811MBRA/LF Datasheet(PDF) 54 Page - STMicroelectronics

Part # STW4811MBRA/LF
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBRA/LF Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STW4811MBRA/LF Datasheet HTML 50Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 51Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 52Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 53Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 54Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 55Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 56Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 57Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
STw4811M/STw4811N
Functional description
53/85
4.4.3
USB enable control
STw4811 OFF
In this state: PON ball = 0
In this state, the overall system is able to detect USB connection through IT_WAKE_UP ball
and with VBUS session valid comparator and ID detection ON.
IT_WAKE_UP ball is activated (low level if tied by an external Pull Up resistor to VIO or
VBAT) in either of the two following cases:
When a mini A connector cable is connected and ID goes low
When activity on VBUS, that is a mini B is connected and is able to communicate.
This mode is used to wake-up the platform. In this configuration, USBINTn ball is not
enabled and IT_WAKE_UP ball cannot be masked by ‘mask_it_wake_up’ bit
(
Table 28).
STw4811 ON, USB driver not enabled
In this state: PON = 1
If ‘mask_it_wake_up’ bit is set to “0”, IT_WAKE_UP ball has the same behavior as above
(PON = 0) and turns ON the transceiver, ‘usb_en’ bit set to “1” (
Table 17).
If ‘mask_it_wake_up’ is set to “1”, IT_WAKE_UP ball feature is disabled and always stay at
level “1” if tied by an external pull up resistor to VIO or VBAT and the transceiver is not turn
ON.
In sleep mode and in HIGH POWER mode, USBINTn ball is now enabled.
If the USB cable is already connected while STw4811 is starting, the USB driver will be
enabled when power management is ready.
Wake-up USB driver conditions
A plug-in on a mini A-device and active ID detector
B device is connected and ready to start data transfer, VBUS is driven high
(session valid high)
Activity on
USB registers (00h to 0Fh - Table 9 to Table 16). Multimedia processor
ready to wake-up and set-up USB PHY.
Possibility to force PHY high (enable) when writing ‘usb_en’ = 1 in USB EN
register (
Table 17)
Set condition: one among the following possibilities
External it_wake_up =0
usb_en = 1 by writing to I2C USB interface
Access to any other
USB register (00h to 0Fh)
Power down USB driver conditions in order to set the USB driver to power down mode:
it_wake_up = 1, and only then
Set ‘usb_en’ bit of USB EN register (
Table 17) to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com