Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5095T Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW5095T
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 4Page - STMicroelectronics STW5095T Datasheet HTML 5Page - STMicroelectronics STW5095T Datasheet HTML 6Page - STMicroelectronics STW5095T Datasheet HTML 7Page - STMicroelectronics STW5095T Datasheet HTML 8Page - STMicroelectronics STW5095T Datasheet HTML 9Page - STMicroelectronics STW5095T Datasheet HTML 10Page - STMicroelectronics STW5095T Datasheet HTML 11Page - STMicroelectronics STW5095T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
STw5095
Overview
7/72
1
Overview
The STw5095 control registers are accessed through a selectable I2C-bus compatible or SPI
compatible interface.
The STw5095 asynchronous stereo audio CODEC is designed to easily fit in most audio
systems because it supports an extended master clock range (any value between 4 MHz
and 32 MHz) and at the same time it supports any audio data rate (independent in AD and
DA paths) from 8 kHz to 48 kHz and from 88 kHz to 96 kHz, moreover it can tolerate jitter on
audio data without degrading performance. The audio data serial interfaces (for AD and DA)
can be Master or Slave, are I2S compatible and they support other formats that can easily
interface to standard serial ports. The two audio interfaces can be used as a single
bidirectional interface. Two frequency programmable clock sources are available to generate
the master clock for the audio sub-system of other devices. The internal D to A and A to D
converters work with up to 24 bit resolution.
The supply voltage can be the same for the whole device, in the range 2.4 V to 2.7 V, or it
can be differentiated for digital (VCC: 1.8 V to 2.7 V), analog (VCCA: 2.4 V to 3.3 V) and
loudspeaker driver (VCCLS: VCCA to 5.5 V) to obtain best performance and maximum power
to the loudspeaker (up to 500 mW).
STw5095 has multiple analog mixable inputs and outputs. It can directly drive Stereo
Headphones without external capacitors and it has a Loudspeaker driver that can also be
used for monophonic group listening. Stereo differential and single ended microphones,
auxiliary line in stereo and mono signals can be mixed and connected to the ADC or directly
to the drivers, mixed also with DAC audio signals.
STw5095 stereo audio Codec main applications include multimedia handheld devices such
as
cellular
phones
with
added
low-power
high-quality
MP3
and
⁄ or FM radio
listening/recording features, or any battery powered equipment such as PDAs, Camcorders,
etc. that require Stereo Audio Codec with Headphones drivers.
Figure 1.
Pin configuration (top view)
A
B
C
D
E
F
G
H
1
234
567
8
SDA/SDIN
VCC
VCCA
HDET
DA_CK
AD_DATA DA_SYNC
IRQ
DA_OCK
AD_OCK
SCLK
GND
AD_CK
AMCK
AD_SYNC DA_DATA
CMOD
VCCA
MICLN
AUX1L
AS/CSB
VCC
GND
MBIAS
GNDA
AUX3L
MICLP
CAPMIC
VCCIO
VCCA
MICRN
AUX1R
CAPLS
LINEINL
AUX2LP
AUX2LN
AUX3R
GNDA
CAPLINEIN MICRP
LSPS
VCMHPS
GNDCM
OLN
LSNS
LINEINR
AUX2RP
AUX2RN
LSP
VCMHP
GNDP
OLP
LSN
VCCP
GNDP
ORN
GNDP
VCCLS
HPL
VCCP
GNDP
VCCLS
HPR
ORP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com