Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP4NC80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4NC80Z
Description  N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NC80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP4NC80Z Datasheet HTML 1Page - STMicroelectronics STP4NC80Z Datasheet HTML 2Page - STMicroelectronics STP4NC80Z Datasheet HTML 3Page - STMicroelectronics STP4NC80Z Datasheet HTML 4Page - STMicroelectronics STP4NC80Z Datasheet HTML 5Page - STMicroelectronics STP4NC80Z Datasheet HTML 6Page - STMicroelectronics STP4NC80Z Datasheet HTML 7Page - STMicroelectronics STP4NC80Z Datasheet HTML 8Page - STMicroelectronics STP4NC80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
December 2002
STP4NC80Z - STP4NC80ZFP
STB4NC80Z - STB4NC80Z-1
N-CHANNEL 800V - 2.4
Ω - 4A TO-220/FP/D2PAK/I2PAK
Zener-Protected PowerMESH™III MOSFET
(1)ISD ≤4A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
.(*)Pulse width Limited by maximum temperature allowed
TO-220
1
2
3
TO-220FP
1
2
3
I2PAK
(Tabless TO-220)
1
3
D2PAK
s
TYPICAL RDS(on) = 2.4 Ω
s
EXTREMELY HIGH dv/dt AND CAPABILITY
GATE-TO- SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW GATE INPUT RESISTANCE
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsurpassed
on-resistance per unit area while integrating back-to-
back Zener diodes between gate and source. Such ar-
rangement gives extra ESD capability with higher rug-
gedness performance as requested by a large variety
of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP4NC80Z/FP
800V
< 2.8
4A
STB4NC80Z/-1
800V
< 2.8
4A
Symbol
Parameter
Value
Unit
STP(B)4NC80Z(-1)
STP4NC80ZFP
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
800
V
VGS
Gate- source Voltage
± 25
V
ID
Drain Current (continuos) at TC = 25°C
4
4(*)
A
ID
Drain Current (continuos) at TC = 100°C
2.5
2.5(*)
A
IDM (q)
Drain Current (pulsed)
16
16(*)
A
PTOT
Total Dissipation at TC = 25°C
100
35
W
Derating Factor
0.8
0.28
W/°C
IGS
Gate-source Current
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
2.5
KV
dv/dt(1)
Peak Diode Recovery voltage slope
3
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C


Similar Part No. - STP4NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
543Kb / 14P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Nov-2003
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Nov-2003
logo
VBsemi Electronics Co.,...
STP4NC80ZFP VBSEMI-STP4NC80ZFP Datasheet
2Mb / 9P
Power MOSFET
More results

Similar Description - STP4NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Nov-2003
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
Dec-2002
STP6NC80Z STMICROELECTRONICS-STP6NC80Z Datasheet
511Kb / 13P
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ III MOSFET
Dec-2002
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP7NC80Z STMICROELECTRONICS-STP7NC80Z Datasheet
542Kb / 13P
N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP8NC70Z STMICROELECTRONICS-STP8NC70Z Datasheet
532Kb / 13P
N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™III MOSFET
Dec-2002
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com