Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STW8009_07 Datasheet HTML 22Page - STMicroelectronics STW8009_07 Datasheet HTML 23Page - STMicroelectronics STW8009_07 Datasheet HTML 24Page - STMicroelectronics STW8009_07 Datasheet HTML 25Page - STMicroelectronics STW8009_07 Datasheet HTML 26Page - STMicroelectronics STW8009_07 Datasheet HTML 27Page - STMicroelectronics STW8009_07 Datasheet HTML 28Page - STMicroelectronics STW8009_07 Datasheet HTML 29Page - STMicroelectronics STW8009_07 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
STw8009/STw8019
Control registers
25/65
5.2
Description
(*) = DEFAULT mode when not_reset pin is active (LOW level)
Caution:
All binary values quoted should be understood as MSB........LSB
5.2.1
DENC registers
polh: synchro: active edge of HSYNC selection (when input) or polarity of HSYNC (when
output)
(*) 0 = HSYNC is a negative pulse (128 Tpix_clk wide) or falling edge is active
1 = HSYNC is a positive pulse (128 Tpix_clk wide) or rising edge is active
polv: synchro: active edge of ODDEV/VSYNC selection (when input)
0 = falling edge of ODDEV flags start of field1 (odd field) or VSYNC is active low
(*) 1 = rising edge of ODDEV flags start of field1 (odd field) or VSYNC is active high
REGISTER 0
configuration0
Address: 0x0000
Type: R/W
content
std1
std0
sync2
sync1
sync0
polh
polv
freerun
default
10
0100
10
Table 4.
std1, std0
std1
std0
Standard selected
00
PAL BDGHI
0
1
PAL N (see bit set-up)
(*)
1
0
NTSC M(1)
1.
Standard on hardware reset is NTSC; any standard modification selects automatically the right
parameters for correct subcarrier generation.
11
PAL M
Table 5.
sync2, sync1, sync0
sync2
sync1
sync0
Configuration
0
0
0
ODDEV-only based SLAVE mode (frame locked)
0
0
1
‘F’ based SLAVE mode (frame locked)
(*)
0
1
0
ODDEV+HSYNC based SLAVE mode (line locked)
1
0
0
VSYNC-only based SLAVE mode (frame locked)(1)
1.
In VSYNC-only based slave mode (sync[2:0]=”100”), HSYNC is nevertheless needed as an input.
1
0
1
VSYNC+HSYNC based SLAVE mode (line locked)
1
1
0
MASTER mode
1
1
1
AUTOTEST mode (colour bar pattern)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com