Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8145 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8145
Description  TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8145 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8145 Datasheet HTML 1Page - STMicroelectronics TDA8145 Datasheet HTML 2Page - STMicroelectronics TDA8145 Datasheet HTML 3Page - STMicroelectronics TDA8145 Datasheet HTML 4Page - STMicroelectronics TDA8145 Datasheet HTML 5Page - STMicroelectronics TDA8145 Datasheet HTML 6Page - STMicroelectronics TDA8145 Datasheet HTML 7Page - STMicroelectronics TDA8145 Datasheet HTML 8Page - STMicroelectronics TDA8145 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
TDA8145
Table 3. ELECTRICAL CHARACTERISTICS
(Tamb = 25°C, VS = 26V, Vfr = 0, S1 and S2 in "a" position, refer to the test circuit unless otherwise
specified)
Figure 4. Test Circuit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply Voltage
17
24
30
V
IS
Supply Current
4.5
7
mA
VREF
Internal Reference Voltage
7.6
8.0
8.8
V
–IREF
Internal Reference Current
Vref/R3
0.73
mA
V7(A)
(*)
Pin 7 Output Voltage
Ifr = 0 µA
15.3
16.0
16.7
V
V7(B)
(*)
Pin 7 Output Voltage
Ifr = 30 µA
15
V
K1
Parabola Coefficient (see Figure 5)
K1 =
0.26
K2
Parabola Coefficient (see Figure 5)
K2 =
0.70
∆V7 (*)
∆V7 = V7E – V7F,
– 40
40
mV
I8
Current Source
S1
→ b
100
µA
VSATL
Saturation Voltage
Io = 400 mA Sink S2 → b
12
V
VSATH
Saturation Voltage
Io = 100 mA Source S2 → c S1 → b
0.8
1.5
V
VF
Forward Voltage
Io = 400 mA S2 → d S1 → b
1.2
1.7
V
IFR
Frame Sawtooth Current
Vfr = 6.6 VPP
66
µA
V
7A
V
7B
V
7A
V
7C
------------------------------
V
7A
V
7C
V
7A
V
7D
------------------------------
7
R7
R6
10k
10k
R2
R8
20k
a
b
S1
R3
11k
10k
R1
S2
a
b
c
d
TDA8145
VS
VF
VSATH
I
O
VSATL
IF
-IO
IFR
VREF
VFR
6
5
8
4
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com