Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSL1014 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSL1014
Description  14 1 channel buffers for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSL1014_08 Datasheet HTML 8Page - STMicroelectronics TSL1014_08 Datasheet HTML 9Page - STMicroelectronics TSL1014_08 Datasheet HTML 10Page - STMicroelectronics TSL1014_08 Datasheet HTML 11Page - STMicroelectronics TSL1014_08 Datasheet HTML 12Page - STMicroelectronics TSL1014_08 Datasheet HTML 13Page - STMicroelectronics TSL1014_08 Datasheet HTML 14Page - STMicroelectronics TSL1014_08 Datasheet HTML 15Page - STMicroelectronics TSL1014_08 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Electrical characteristics
TSL1014
12/16
Figure 38.
Output voltage response to current
transient - buffers C to N
Figure 39.
Output voltage response to current
transient - buffers C to N
-1
0123
-0.5
0.0
0.5
1.0
1.5
2.0
Buffers C to N
V
CC
=10V
T
AMB
=+25°C
ΔI=0mA to 30mA
Time (µs)
-1
0
1
2
3
-1.5
-1.0
-0.5
0.0
0.5
Buffers C to N
V
CC
=10V
T
AMB
=+25°C
ΔI=30mA to 0mA
Time (µs)
Figure 40.
Output voltage response to current
transient - buffer COM
Figure 41.
Output voltage response to current
transient - buffer COM
0
246
8
-1
0
1
2
3
4
5
Buffer COM
V
CC
=10V
T
AMB
=+25°C
ΔI=0mA to 100mA
Time (µs)
0
246
8
-5
-4
-3
-2
-1
0
1
Buffer COM
V
CC
=10V
T
AMB
=+25°C
ΔI=100mA to 0mA
Time (µs)
Figure 42.
Output voltage response to current
transient - buffer COM
Figure 43.
Output voltage response to current
transient - buffer COM
-5
0
5
10
15
20
25
-6
-5
-4
-3
-2
-1
0
1
Buffer COM
V
CC
=10V
T
AMB
=+25°C
ΔI=100mA to -100mA
Time (µs)
-5
0
5
10
15
20
25
30
-1
0
1
2
3
4
5
6
Buffer COM
V
CC
=10V
T
AMB
=+25°C
ΔI=-100mA to +100mA
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com