Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOZ1300AI Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ1300AI
Description  Programmable 4A Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1300AI Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ1300AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AOZ1300
Rev. 1.
3 August 2008
www.aosmd.com
Page 3 of 12
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the
device.
Recommend Operating Ratings
The device is not guaranteed to operate beyond the Maximum
Operating Ratings.
Note:
1.The package
Θ
JA is measured with the device mounted on 1-in
2 FR-4
printed-circuit board with 2-oz. copper in a still air environment with
TA = 25°C. The value may vary depending on user’s specific board
design.
Parameter
Rating
IN, OUT, EN, FLT, ISET, SLEW to GND
6
.5V
OUT Maximum Continuous Current
5A
Junction Temperature (TJ)
+150°C
Storage Temperature (TS)
-65°C to +150°C
Parameter
Rating
Input Supply Voltage (VIN)
+2.7V to +
6.0V
Ambient Temperature
-40°C to +85°C
SO-8 Thermal Resistance (
Θ
JA)
(1)
87°C/W
Electrical Characteristics
VIN = 5V, TA = -40°C to +85°C unless otherwise stated. Typical values are at 25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN
Supply Voltage
2.7
6.0
V
IIN
Supply Current
Switch on, no load
Switch off, no load
380
1
530
2
mA
VUV
Undervoltage Lockout Threshold
VIN rising
1.9
2.3
2.68
V
VUVHYS
Undervoltage Lockout Hysteresis
300
mV
VEN
Enable Input Voltage
Enable Input Low Voltage
Enable Input High Voltage
2.0
0.8
V
VENHYS
Enable Input Voltage Hysteresis
400
mV
IEN
Enable Input Current
VIN = 4.5V
1
µA
RDS(ON)
Switch On Resistance
VIN = 4.5V
VIN = 2.5V
35
48
45
60
m
Ω
ILIM
Short-circuit Current
RSET =76.8kΩ, TA = +25°C to +85°C
3.2
4.0
4.8
A
IOFF
Output Leakage Current
Switch Off
1
µA
VOL
FLT Output Voltage
IOL = 5mA
0.4
V
FLT Output Leakage Current
1
µA
tFLT
FLT Timeout Period
ILIM to FLT assertion,
TA = +25°C to +85°C
18
24
30
ms
tON
Output Turn-on Delay
RL = 10Ω, CL = 1µF
750
µs
tOFF
Output Turn-off Delay
RL = 10Ω, CL = 1µF
43
µs
tr
Output Rise-time
RL = 10Ω, CL = 1µF
460
µs
tf
Output Fall-time
RL = 10Ω, CL = 1µF
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com