Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6202PC52DR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6202PC52DR
Description  High Voltage Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202PC52DR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6202PC52DR Datasheet HTML 1Page - Torex Semiconductor XC6202PC52DR Datasheet HTML 2Page - Torex Semiconductor XC6202PC52DR Datasheet HTML 3Page - Torex Semiconductor XC6202PC52DR Datasheet HTML 4Page - Torex Semiconductor XC6202PC52DR Datasheet HTML 5Page - Torex Semiconductor XC6202PC52DR Datasheet HTML 6Page - Torex Semiconductor XC6202PC52DR Datasheet HTML 7Page - Torex Semiconductor XC6202PC52DR Datasheet HTML 8Page - Torex Semiconductor XC6202PC52DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/32
XC6202
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT(E)
(*2)
VIN=6V
IOUT=30mA
4.900
5.000
5100
V
②
Maximum Output Current
IOUTmax
VIN=6V
VOUT
≧VOUT(E)×0.9
200
-
-
mA
②
Load Regulation
△VOUT
VIN=6V
1mA
≦IOUT≦100mA
-
30
100
mV
②
Vdif1
IOUT=30mA
-
130
190
Dropout Voltage
(*3)
Vdif2
IOUT=100mA
-
440
550
mV
②
Supply Current
ISS
VIN=6V
-
10
24
μA
①
Line Regulation
△VOUT
△VIN・△VOUT
IOUT=1mA
6V
≦VIN≦20V
-
0.01
0.20
%/V
②
Input Voltage
VIN
-
-
20
V
-
Output Voltage
Temperature Characteristics
△VOUT
△Topr・△VOUT
IOUT=30mA
-40
℃≦Topr≦85℃
-
±100
-
ppm/
℃
②
Short-circuit Current
Ishort
VIN=7V
-
40
-
mA
②
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT(E)
(*2)
VIN=13V
IOUT=30mA
11.760
12.000
12.240
V
②
Maximum Output Current
IOUTmax
VIN=13V
VOUT
≧VOUT(E)×0.9
200
-
-
mA
②
Load Regulation
△VOUT
VIN=13V
1mA
≦IOUT≦100mA
-
60
230
mV
②
Vdif1
IOUT=30mA
-
90
150
Dropout Voltage
(*3)
Vdif2
IOUT=100mA
-
290
380
mV
②
Supply Current
ISS
VIN=13V
-
12
28
μA
①
Line Regulation
△VOUT
△VIN・△VOUT
IOUT=1mA
13V
≦VIN≦20V
-
0.01
0.20
%/V
②
Input Voltage
VIN
-
-
20
V
-
Output Voltage
Temperature Characteristics
△VOUT
△Topr・△VOUT
IOUT=30mA
-40
℃≦Topr≦85℃
-
±100
-
ppm/
℃
②
Short-circuit Current
Ishort
VIN=14V
-
40
-
mA
②
XC6202P502
VOUT(T)=5.0V
(*1)
Topr=25
℃
XC6202PC02
VOUT(T)=12V
(*1)
Topr=25
℃
■ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com