Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP6NB25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP6NB25
Description  N-CHANNEL 250V - 0.9ohm - 6A TO-220/TO-220FP PowerMesh MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NB25 Datasheet(HTML) 1 Page - STMicroelectronics

  STP6NB25 Datasheet HTML 1Page - STMicroelectronics STP6NB25 Datasheet HTML 2Page - STMicroelectronics STP6NB25 Datasheet HTML 3Page - STMicroelectronics STP6NB25 Datasheet HTML 4Page - STMicroelectronics STP6NB25 Datasheet HTML 5Page - STMicroelectronics STP6NB25 Datasheet HTML 6Page - STMicroelectronics STP6NB25 Datasheet HTML 7Page - STMicroelectronics STP6NB25 Datasheet HTML 8Page - STMicroelectronics STP6NB25 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
Jun 2000
STP6NB25
STP6NB25FP
N-CHANNEL 250V - 0.9
Ω - 6A TO-220/TO-220FP
PowerMesh
™ MOSFET
s
TYPICAL RDS(on) = 0.9 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprieraty edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
DC-DC & DC-AC CONVERTERS FOR
TELECOM , INDUSTRIAL AND CONSUMER
ENVIRONMENT
ABSOLUTE MAXIMUM RATINGS
(
•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP6NB25
250 V
< 1.1
Ω
6A
STP6NB25FP
250 V
< 1.1
Ω
3.7 A
Symbol
Parameter
Value
Unit
STP6NB25
STP6NB25FP
VDS
Drain-source Voltage (VGS =0)
250
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
250
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC =25°C
6
3.7
A
ID
Drain Current (continuos) at TC = 100°C
3.8
2.3
A
IDM (q)
Drain Current (pulsed)
24
24
A
PTOT
Total Dissipation at TC =25°C
75
30
W
Derating Factor
0.6
0.24
W/
°C
dv/dt (1)
Peak Diode Recovery voltage slope
5.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2000
Tstg
Storage Temperature
–60 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤6A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
INTERNAL SCHEMATIC DIAGRAM
1
2
3
1
2
3
TO-220
TO-220FP


Similar Part No. - STP6NB25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP6NB25 ISC-STP6NB25 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
STP6NB25FP ISC-STP6NB25FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP6NB25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NB25 STMICROELECTRONICS-STP16NB25 Datasheet
105Kb / 9P
N - CHANNEL 250V - 0.220ohm - 16A - TO-220/TO-220FP PowerMESH MOSFET
Mar-1999
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH™ II MOSFET
May-2001
STP6NS25 STMICROELECTRONICS-STP6NS25 Datasheet
266Kb / 8P
N-CHANNEL 250V - 0.9ohm - 6A TO-220 MESH OVERLAY™MOSFET
November 2002
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com