Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2W01 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # 2W01
Description  SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

2W01 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  2W01 Datasheet HTML 1Page - UNIOHM CORPORATION 2W01 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=25 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
2W005
2W01
2W02
2W04
2W06
2W08
2W10 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
60
10
500
-65
+150
-65
+125
V
A
V
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.37 grams
2W005 THRU 2W10
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
WOL
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
1.0
(25.4)
MIN.
1.2
(30.5)
MIN.
.358
(9.1)
MAX.
.290(7.4)
.270(6.9)
.032(0.8)
.030(0.7)
POS.
LEAD
* Low leakage current
A
2.0 Amperes
C
C
A
A


Similar Part No. - 2W01

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W01 WTE-2W01 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W01 JGD-2W01 Datasheet
178Kb / 2P
SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
2W01 SSE-2W01 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
2W01 BYTES-2W01 Datasheet
145Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
2W01 CHENYI-2W01 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - 2W01

ManufacturerPart #DatasheetDescription
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
2W005 FORMOSA-2W005 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
RS201 FORMOSA-RS201 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS201M UNIOHM-RS201M Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
RS201 GWSEMI-RS201 Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
2W10 DGNJDZ-2W10 Datasheet
220Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
D2SB05A DGNJDZ-D2SB05A Datasheet
67Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
GBL201 DGNJDZ-GBL201 Datasheet
67Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
KBP201 DGNJDZ-KBP201 Datasheet
408Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB201 YIXIN-DB201 Datasheet
157Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com