Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8342 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8342
Description  Three-Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8342 Datasheet HTML 1Page - Active-Semi, Inc ACT8342 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ACT8342
Three-Channel Integrated Power Management IC for
Handheld Portable Equipment
SYSTEM BLOCK DIAGRAM
Product Brief, 29-Feb-08
Advanced Information―All Information Subject to Change
OUT1
Adjustable, or
1.2V to 3.3V
Up to 350mA
OUT2
1.4V to 3.7V
Up to 80mA
OUT3
1.4V to 3.7V
Up to 150mA
ON2
ON3
System
Control
REG3
LDO
REG2
LDO
Battery
REG1
Step-Down
DC/DC
ACT8342
TM
PMU
PMU
Active
nIRQ
nMSTR
nRSTO
ON1
FEATURES
Multiple Patents Pending
Three Integrated Regulators
− 350mA PWM Step-Down DC/DC
− 80mA Low Noise LDO
− 150mA Low Noise LDO
Independent Enable/Disable Control
Minimal External Components
3×3mm, Thin-QFN (TQFN33-16) Package
− Only 0.75mm Height
− RoHS Compliant
APPLICATIONS
Portable Devices and PDAs
MP3/MP4 Players
Wireless Handhelds
GPS Receivers, etc.
GENERAL DESCRIPTION
The patent-pending ACT8342 is a complete, cost
effective, highly-efficient ActivePMUTM power man-
agement solution that is ideal for a wide range of
portable handheld equipment. This device inte-
grates one PWM step-down DC/DC converter and
two low noise, low dropout linear regulators (LDOs)
in a single, thin, space-saving package. This device
is ideal for a wide range of portable handheld
equipment that can benefit from the advantages of
ActivePMU
technology but does not require a high
level of integration.
REG1 is a fixed-frequency, current-mode PWM
step-down DC/DC converter that is optimized for
high efficiency and is capable of supplying up to
350mA output current. REG1’s output is available in
a variety of factory-preset output voltage options,
and an adjustable output voltage mode is also avail-
able. REG2, REG3 are low noise, high PSRR linear
regulators that are capable of supplying up to
80mA, and 150mA, respectively.
The ACT8342 is available in a tiny 3mm
× 3mm
16-pin Thin-QFN package that is just 0.75mm thin.


Similar Part No. - ACT8342

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8342 ACTIVE-SEMI-ACT8342 Datasheet
455Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 26-May-08
ACT8342 ACTIVE-SEMI-ACT8342 Datasheet
598Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 3, 11-Sep-09
ACT8342QKCQI-T ACTIVE-SEMI-ACT8342QKCQI-T Datasheet
455Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 26-May-08
ACT8342QKCQI-T ACTIVE-SEMI-ACT8342QKCQI-T Datasheet
598Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 3, 11-Sep-09
ACT8342QKP2D-T ACTIVE-SEMI-ACT8342QKP2D-T Datasheet
598Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 3, 11-Sep-09
More results

Similar Description - ACT8342

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8332 ACTIVE-SEMI-ACT8332 Datasheet
82Kb / 2P
Three-Channel Integrated Power Management IC for Handheld Portable Equipment
18-Dec-07
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8332 ACTIVE-SEMI-ACT8332_08 Datasheet
344Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 14-Mar-08
ACT8342 ACTIVE-SEMI-ACT8342_08 Datasheet
455Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 26-May-08
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
ACT8342 ACTIVE-SEMI-ACT8342_09 Datasheet
598Kb / 17P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 3, 11-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828_10 Datasheet
666Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
Three Channels Integrated Power Management IC for Handheld Portable Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com