Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3071E Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3071E
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3071E Datasheet(HTML) 1 Page - Sipex Corporation

  SP3071E Datasheet HTML 1Page - Sipex Corporation SP3071E Datasheet HTML 2Page - Sipex Corporation SP3071E Datasheet HTML 3Page - Sipex Corporation SP3071E Datasheet HTML 4Page - Sipex Corporation SP3071E Datasheet HTML 5Page - Sipex Corporation SP3071E Datasheet HTML 6Page - Sipex Corporation SP3071E Datasheet HTML 7Page - Sipex Corporation SP3071E Datasheet HTML 8Page - Sipex Corporation SP3071E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Date: 03/
31/05
SP3070E - SP3078E Family, ± 15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
SP3070E - SP3078E Family
±15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
RS-485/RS422 Transceivers
®
DESCRIPTION
FEATURES
■ ±15kV ESD protection for RS485 pins
■ 3.3V low-power operation
■ Advanced receiver-failsafe protection for
open, shorted or terminated lines
■ Up to 256 Transceivers may share bus
■ Very low load for 8x greater fanout
■ Hot Swap glitch protection RE and DE
■ Thermal shutdown protects against driver
contention
■ Available in three industry standard foot-
prints
■ SP3070E, SP3073E and SP3076E in Full-Duplex (14 pin)
■ SP3071E, SP3074E and SP3077E in Full-Duplex (8 pin)
■ SP3072E, SP3075E and SP3078E in Half-Duplex (8 pin)
■ Three applications-optimized speed grades
■ SP3070-72E: 250kbps fully slew-limited
■ SP3073-75E: 500kbps slew-limited
■ SP3076-78E: 16Mbps high speed
■ Small form factor SO-narrow packages
■ Industrial (-40 to +85ºC) and Extended
(-40 to +
125ºC) temperature grades
Now Available in Lead Free Packaging
1
2
3
4
5
6
7
8
8 PIN NSOIC
SP3071E
SP3074E
SP3077E
Full Duplex
B
RO
A
DI
I
GND
Z
Y
VCC
NC
RO
RE
DE
DI
GND
14 Pin NSOIC
SP3070E
SP3073E
SP3076E
Full Duplex
VCC
NC
A
B
Z
Y
1
2
3
4
5
6
14
13
12
11
10
9
NC
GND 7
8
APPLICATIONS
■ Industrial Control, Utility Meters Building Automation, Instrumentation, Point of Sale
The SP3070-3078E differential line transceivers are suitable for bidirectional communication
on balanced multipoint bus transmission lines and comply with both RS485 and RS422 EIA
Standards. Each device consists of a differential driver and differential receiver. All devices
operate from a 3.3V power supply.
High receiver input impedance allows a large number of transceivers to share a common data
bus while maintaining signal margin and without excessive loading or use of expensive
repeaters. The high impedance driver output is maintained over the entire common-mode
voltage range from -7 to +12V. Receivers will failsafe to logic 1 output when inputs are open,
shorted or terminated. Drivers include built-in short-circuit protection and a thermal-overload
shutdown to protect against excessive power dissipation from bus contention or cable faults.
All RS485 inputs are ESD protected up to ±15kV (Air-Gap and Human Body Model) and up
to ±8kV Contact discharge (IEC 1000-4-2).
1
2
3
4
5
6
7
8
8 PIN NSOIC
SP3072E
SP3075E
SP3078E
Half Duplex
B
RO
A
GND
VCC
DE
DI
RE


Similar Part No. - SP3071E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3071E EXAR-SP3071E Datasheet
731Kb / 20P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3071E EXAR-SP3071E Datasheet
177Kb / 6P
ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
logo
Sipex Corporation
SP3071EEN SIPEX-SP3071EEN Datasheet
171Kb / 19P
15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
logo
Exar Corporation
SP3071EEN-L EXAR-SP3071EEN-L Datasheet
731Kb / 20P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3071EEN-L/TR EXAR-SP3071EEN-L/TR Datasheet
731Kb / 20P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
More results

Similar Description - SP3071E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP1486E SIPEX-SP1486E Datasheet
727Kb / 15P
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP3070E EXAR-SP3070E Datasheet
731Kb / 20P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com