Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSUSB30MUX Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part # FSUSB30MUX
Description  Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30MUX Datasheet(HTML) 13 Page - Fairchild Semiconductor

Back Button FSUSB30MUX Datasheet HTML 9Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 10Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 11Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 12Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 13Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 14Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 15Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 16Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 17Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.6
13
Tape Dimensions for MSOP
Dimensions are in inches (millimeters) unless otherwise specified.
Reel Dimensions for MSOP
Dimensions are in inches (millimeters) unless otherwise specified
Tape Size
ABCDN
W1
W2
W3
(12mm)
13
(330)
0.059
(1.5)
0.512
(13)
0.795
(20.2)
7.008
(178)
0.448
(12.4)
0.724
(18.4)
0.468-0.606
(11.9 -15.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com