Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M34D64-W Datasheet(PDF) 21 Page - STMicroelectronics

Part # M34D64-W
Description  64 Kbit serial I²C bus EEPROM with hardware write control on top quarter of memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34D64-W Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M34D64-W_08 Datasheet HTML 17Page - STMicroelectronics M34D64-W_08 Datasheet HTML 18Page - STMicroelectronics M34D64-W_08 Datasheet HTML 19Page - STMicroelectronics M34D64-W_08 Datasheet HTML 20Page - STMicroelectronics M34D64-W_08 Datasheet HTML 21Page - STMicroelectronics M34D64-W_08 Datasheet HTML 22Page - STMicroelectronics M34D64-W_08 Datasheet HTML 23Page - STMicroelectronics M34D64-W_08 Datasheet HTML 24Page - STMicroelectronics M34D64-W_08 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
M34D64-W
DC and AC parameters
21/27
Table 10.
DC characteristics
Symbol
Parameter
Test condition (in addition to
those in Table 7)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA)
VIN = VSS or VCC
device in Standby mode
± 2
µA
ILO
Output leakage current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply current
VCC = 2.5 V, fc= 400 kHz
(rise/fall time < 50 ns)
1mA
ICC1
Standby supply current
VIN = VSS or VCC, VCC = 5 V
10
µA
VIN = VSS or VCC, VCC = 2.5 V
2
µA
VIL
Input low voltage
(E2, E1, E0, SCL, SDA)
–0.3
0.3VCC
V
Input low voltage (WC)–0.3
0.5
V
VIH
Input high voltage
(E2, E1, E0, SCL, SDA, WC)
0.7VCC VCC+1
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com