Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A5973AD Datasheet(PDF) 5 Page - STMicroelectronics

Part # A5973AD
Description  Up to 1.5 A step down switching regulator for automotive applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD Datasheet(HTML) 5 Page - STMicroelectronics

  A5973AD Datasheet HTML 1Page - STMicroelectronics A5973AD Datasheet HTML 2Page - STMicroelectronics A5973AD Datasheet HTML 3Page - STMicroelectronics A5973AD Datasheet HTML 4Page - STMicroelectronics A5973AD Datasheet HTML 5Page - STMicroelectronics A5973AD Datasheet HTML 6Page - STMicroelectronics A5973AD Datasheet HTML 7Page - STMicroelectronics A5973AD Datasheet HTML 8Page - STMicroelectronics A5973AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
A5973AD
Electical characteristics
5/19
3
Electical characteristics
Table 4. Electrical characteristics
(TJ = -40 °C to 125 °C, VCC = 12 V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC
Operating input voltage
range
V0=1.235 V; I0 = 2 A
4
36
V
RDS(on)
Mosfet on resistance
0.250
0.5
Ω
IL
Maximum limiting
current (1)
VCC = 5 V
1.8
2.3
A
VCC = 5 V, TJ = 25 °C
2
2.3
Duty cycle
0
100
%
Dynamic characteristics (see test circuit).
V5
Voltage feedback
4.4 V < VCC < 36 V,
20 mA < I0 < 2 A
1.198
1.235
1.272
V
η
Efficiency
V0 = 5 V, VCC = 12 V
90
%
DC characteristics
Iqop
Total operating
quiescent current
57
mA
Iq
Quiescent current
Duty cycle=0;VFB=1.5 V
2.7
mA
Iqst-by
Total stand-by quiescent
current
Vinh > 2.2 V
50
100
μA
Inhibit
INH threshold voltage
Device ON
0.8
V
Device OFF
2.2
V
Error amplifier
VOH
High level output voltage VFB = 1 V
3.5
V
VOL
Low level output voltage VFB = 1.5 V
0.4
V
Io source
Source output current
VCOMP = 1.9 V;
VFB = 1 V
190
300
μA
Io sink
Sink output current
VCOMP = 1.9 V;
VFB = 1 V
11.5
mA
Ib
Source bias current
2.5
4
μA
DC open loop gain
RL =
∞
50
57
dB
gm
Transconductance
ICOMP = -0.1 mA to
0.1 mA; VCOMP = 1.9 V
2.3
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com