Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5983 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5983
Description  1.5 A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5983 Datasheet(HTML) 1 Page - STMicroelectronics

  L5983 Datasheet HTML 1Page - STMicroelectronics L5983 Datasheet HTML 2Page - STMicroelectronics L5983 Datasheet HTML 3Page - STMicroelectronics L5983 Datasheet HTML 4Page - STMicroelectronics L5983 Datasheet HTML 5Page - STMicroelectronics L5983 Datasheet HTML 6Page - STMicroelectronics L5983 Datasheet HTML 7Page - STMicroelectronics L5983 Datasheet HTML 8Page - STMicroelectronics L5983 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2008
Rev 4
1/37
37
L5983
1.5 A step-down switching regulator
Features
■ 1.5 A DC output current
■ 2.9 V to 18 V input voltage
■ Output voltage adjustable from 0.6 V
■ 250 kHz switching frequency, programmable
up to 1 MHz
■ Internal soft-start
■ Inhibit
■ Low dropout operation: 100 % duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Over current and thermal protection
■ VFQFPN8 3 x 3 mm package
Applications
■ Consumer: STB, DVD, DVD recorder, car
audio, LCD TV and monitors
■ Industrial: Chargers, PLD, PLA, FPGA
■ Networking: XDSL, modems, DC-DC modules
■ Computer: Optical storage, hard disk drive,
printers, audio/graphic cards
■ LED driving
Description
The L5983 is a step down switching regulator with
2.0 A (min.)current limited embedded power
MOSFET, so it is able to deliver an output current
in excess of 1.5 A DC to the load.
The input voltage can range from 2.9 V to 18 V,
while the output voltage can be set starting from
0.6 V to VIN. Having a minimum input voltage of
2.9 V, the device is suitable for also for the 3.3 V
bus.
Requiring a minimum set of external components,
the device includes an internal 250 kHz switching
frequency oscillator that can be externally
adjusted up to 1 MHz.
The VFQFPN package with exposed pad allows
reducing the RthJA down to approximately
60 °C/W.
VFQFPN8 3 x 3 mm
Figure 1.
Application circuit
www.st.com


Similar Part No. - L5983

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
L5983TR STMICROELECTRONICS-L5983TR Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
More results

Similar Description - L5983

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS061A TI-SLTS061A Datasheet
488Kb / 3P
1.5 Amp Negative Step-Down Integrated Switching Regulator
78SR153 TI-78SR153 Datasheet
189Kb / 3P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
07-Mar-2008
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
03-Jun-2008
logo
Texas Instruments
78ST105 TI1-78ST105 Datasheet
244Kb / 5P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
STMicroelectronics
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
logo
Texas Instruments
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
logo
STMicroelectronics
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com