Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6566A Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6566A_08 Datasheet HTML 41Page - STMicroelectronics L6566A_08 Datasheet HTML 42Page - STMicroelectronics L6566A_08 Datasheet HTML 43Page - STMicroelectronics L6566A_08 Datasheet HTML 44Page - STMicroelectronics L6566A_08 Datasheet HTML 45Page - STMicroelectronics L6566A_08 Datasheet HTML 46Page - STMicroelectronics L6566A_08 Datasheet HTML 47Page - STMicroelectronics L6566A_08 Datasheet HTML 48Page - STMicroelectronics L6566A_08 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
L6566A
Application examples and ideas
45/51
Figure 30.
Typical full-feature application schematic (FF operation)
4
7
3
5
11
6
8
IC1
L6566A
Vout
9
C3
Q1
R2
D2
1N4148
R18
D1
C7 2.2 nF Y1
C8A,B
T1
ZCD
GD
CS
Vcc
DIS
GND
COMP
D4
IC3 PC817A
R3
R4
D3 1N4148
3
4
C6
R5
C2
14
SS
13
C5
10
VREF
12
MODE/SC
C4
R6
1
HVS
OSC
R1
R12
R13
R15
R16
R17
R8
C9
R9
R10
1
2
TL431
R7
NTC2
Vcc_PFC
to Vcc pin of
PFC controller
C1
PFC Pre-regulator Output bus
Output capacitor of boost
PFC Pre-regulator
VFF
16
AC_OK
15
to mains
v oltage sensing
Table 7.
External circuits that determine IC behavior upon OVP and OCP
OVP latched
OVP auto-restart
OCP latched
OCP auto-restart
L6566A
VFF
15
RL
RFF
RH
RFF needed if RL < 4.7 k
Ω
SS
VREF
14
10
L6566A
AC_OK
16
RH
VFF
15
RL
Diode needed if RL > 4.7 k
Ω
SS
VREF
14
10
L6566A
SS
VREF
14
10
1N4148
VFF
15
RL
RFF
RH
RFF needed if RL < 4.7 k
Ω
L6566A
16
15
SS
VREF
14
10
1N4148
AC_OK
RH
VFF
RL
Diode needed if RL > 4.7 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com