Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA7340LR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA7340LR2
Description  짹3g, 짹11g Three Axis Low-g Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7340LR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA7340LR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7340LR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7340LR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7340LR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7340LR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7340LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7340LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7340LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7340LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sensors
Freescale Semiconductor
3
MMA7340L
Table 2. Operating Characteristics
Unless otherwise noted: –20°C < TA < 85°C, 2.2 V < VDD < 3.6 V, Acceleration = 0g, Loaded output
(1)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current(4)
Supply Current at Sleep Mode(4)
Operating Temperature Range
Acceleration Range, X-Axis, Y-Axis, Z-Axis
g-Select: 0
g-Select: 1
VDD
IDD
IDD
TA
gFS
gFS
2.2
-40
3.3
400
3
±3
±11
3.6
600
10
+85
V
μA
μA
°C
g
g
Output Signal
Zero g (TA = 25°C, VDD = 3.3 V)
(5), (6)
Zero g(4)
Sensitivity (TA = 25°C, VDD = 3.3 V)
3g
11g
Sensitivity(4)
Bandwidth Response
XY
Z
Output Impedance
VOFF
VOFF, TA
S3g
S11g
S,TA
f-3dBXY
f-3dBZ
ZO
1.551
413.6
106
1.65
±2.0
440
117.8
±0.03
400
300
32
1.749
466.4
129.6
V
mg/°C
mV/g
mV/g
%/°C
Hz
Hz
k
Ω
Self Test
Output Response
XOUT, YOUT
ZOUT
Input Low
Input High
ΔgSTXY
ΔgSTZ
VIL
VIH
+0.05
+0.8
VSS
0.7 VDD
-0.1
+1.0
+1.2
0.3 VDD
VDD
g
g
V
V
Noise
Power Spectral Density RMS (0.1 Hz – 1 kHz)(4)
nPSD
350
μg/
Control Timing
Power-Up Response Time(7)
Enable Response Time(8)
Self Test Response Time(9)
Sensing Element Resonant Frequency
XY
Z
Internal Sampling Frequency
tRESPONSE
tENABLE
tST
fGCELLXY
fGCELLZ
fCLK
1.0
0.5
2.0
6.0
3.4
11
2.0
2.0
5.0
ms
ms
ms
kHz
kHz
kHz
Output Stage Performance
Full-Scale Output Range (IOUT = 30 µA)
VFSO
VSS+0.1
VDD–0.1
V
Nonlinearity, XOUT, YOUT, ZOUT
NLOUT
-1.0
+1.0
%FSO
Cross-Axis Sensitivity(10)
VXY, XZ, YZ
-5.0
+5.0
%
1. For a loaded output, the measurements are observed after an RC filter consisting of an internal 32k
Ω resistor and an external 3.3nF capacitor
(recommended as a minimum to filter clock noise) on the analog output for each axis and a 0.1
μF capacitor on VDD - GND. The output sensor
bandwidth is determined by the Capacitor added on the output. f = 1/2
π * (32 x 103) * C. C = 3.3 nF corresponds to BW = 1507HZ, which is
the minimum to filter out internal clock noise.
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 2.2 and 3.6 V, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device
may operate as a linear device but is not guaranteed to be in calibration.
4. This value is measured with g-Select in 3g mode.
5. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2. For negative acceleration, the output will decrease below VDD/2.
6. For optimal 0g offset performance, adhere to AN3484 and AN3447
7. The response time between 10% of full scale Vdd input voltage and 90% of the final operating output voltage.
8. The response time between 10% of full scale Sleep Mode input voltage and 90% of the final operating output voltage.
9. The response time between 10% of the full scale self test input voltage and 90% of the self test output voltage.
10. A measure of the device’s ability to reject an acceleration applied 90° from the true axis of sensitivity.
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com