Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  8-Bit HCS08 Central Processor Unit (CPU)
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  S9S08QD2MPC Datasheet HTML 1Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 2Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 3Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 4Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 5Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 6Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 7Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 8Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 202 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
•
16 MHz HCS08 CPU (central processor
unit)
•
HC08 instruction set with added BGND
instruction
•
Background debugging system
•
Breakpoint capability to allow single
breakpoint setting during in-circuit
debugging (plus two more breakpoints in
on-chip debug module)
•
Support for up to 32 interrupt/reset sources
Memory
•
Flash read/program/erase over full
operating voltage and temperature
•
Flash size:
— MC9S08QD4/S9S08QD4: 4096 bytes
— MC9S08QD2/S9S08QD2: 2048 bytes
•RAM size
— MC9S08QD4/S9S08QD4: 256 bytes
— MC9S08QD2/S9S08QD2: 128 bytes
Power-Saving Modes
•
Wait plus three stops
Clock Source Options
•
ICS — Internal clock source module (ICS)
containing a frequency-locked-loop (FLL)
controlled by internal. Precision trimming
of internal reference allows 0.2% resolution
and 2% deviation over temperature and
voltage.
System Protection
•
Watchdog computer operating properly
(COP) reset with option to run from
dedicated 32 kHz internal clock source or
bus clock
•
Low-voltage detection with reset or
interrupt
•
Illegal opcode detection with reset
•
Illegal address detection with reset
•
Flash block protect
Peripherals
•
ADC — 4-channel, 10-bit analog-to-digital
converter with automatic compare
function, asynchronous clock source,
temperature sensor and internal bandgap
reference channel. ADC is hardware
triggerable using the RTI counter.
•
TIM1 — 2-channel timer/pulse-width
modulator; each channel can be used for
input capture, output compare, buffered
edge-aligned PWM, or buffered
center-aligned PWM
•
TIM2 — 1-channel timer/pulse-width
modulator; each channel can be used for
input capture, output compare, buffered
edge-aligned PWM, or buffered
center-aligned PWM
•
KBI — 4-pin keyboard interrupt module
with software selectable polarity on edge or
edge/level modes
Input/Output
•
Four General-purpose input/output (I/O)
pins, one input-only pin and one
output-only pin. Outputs 10 mA each, 60
mA maximum for package.
•
Software selectable pullups on ports when
used as input
•
Software selectable slew rate control and
drive strength on ports when used as output
•
Internal pullup on RESET and IRQ pin to
reduce customer system cost
Development Support
•
Single-wire background debug interface
Package Options
•
8-pin SOIC package
•
8-pin PDIP (Only for MC9S08QD4 and
MC9S08QD2)
•
All package options are RoHS compliant
MC9S08QD4 Series Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com