Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7805 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L7805
Description  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L7805 Datasheet HTML 38Page - STMicroelectronics L7805 Datasheet HTML 39Page - STMicroelectronics L7805 Datasheet HTML 40Page - STMicroelectronics L7805 Datasheet HTML 41Page - STMicroelectronics L7805 Datasheet HTML 42Page - STMicroelectronics L7805 Datasheet HTML 43Page - STMicroelectronics L7805 Datasheet HTML 44Page - STMicroelectronics L7805 Datasheet HTML 45Page - STMicroelectronics L7805 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Package mechanical data
L78xx - L78xxC
42/56
Note:
In spite of some difference in tolerances, the packages are compatible.
Table 24.
TO-220 mechanical data
Dim.
Type STD-ST
Type SMIC-Subcon.
mm.
mm.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
4.47
4.57
4.67
A1
0.61
0.88
0.80
0.81
0.86
b1
1.14
1.70
1.15
1.44
c
0.49
0.70
0.56
c1
0.38
D
15.25
15.75
15.07
15.24
15.45
D1
1.27
E
10.00
10.40
10
10.15
10.30
e
2.40
2.70
2.29
2.54
2.79
e1
4.95
5.15
4.83
5.08
5.33
F
1.23
1.32
1.27
H1
6.20
6.60
6.24
J1
2.40
2.72
2.04
2.67
2.92
L
13.00
14.00
13.35
13.50
13.65
L1
3.50
3.93
3.90
L20
16.40
16.25
16.40
16.55
L30
28.90
28.74
∅P
3.75
3.85
3.83
Q
2.65
2.95
2.72
2.74
2.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com