Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBH24 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 5 Page - STMicroelectronics

  LNBH24 Datasheet HTML 1Page - STMicroelectronics LNBH24 Datasheet HTML 2Page - STMicroelectronics LNBH24 Datasheet HTML 3Page - STMicroelectronics LNBH24 Datasheet HTML 4Page - STMicroelectronics LNBH24 Datasheet HTML 5Page - STMicroelectronics LNBH24 Datasheet HTML 6Page - STMicroelectronics LNBH24 Datasheet HTML 7Page - STMicroelectronics LNBH24 Datasheet HTML 8Page - STMicroelectronics LNBH24 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LNBH24
Introduction
5/30
2
Introduction
The LNBH24 includes two completely independent sections. Except for the VCC and I²C
inputs, each circuit can be separately controlled and have independent external
components. The specification that follow should be considered equally for both sections
(A/B).
2.1
Application information
This IC has a built-in DC-DC step-up converter which, from a single 8 V to 15 V source,
generates the voltages (VUP) that allow the linear post-regulator to work at a minimum
dissipated power of 0.375 W Typ. @ 500 mA load (the linear post-regulator drop voltage is
internally held at VUP-VOUT=0.75 V typ.). An under voltage lockout circuit will disable the
entire circuit when the supplied VCC drops below a fixed threshold (6.7 V typically).
Note:
In this document the VOUT is intended as the Voltage present at the linear post-regulator
output (VoRX pin).
2.2
DiSEqC™ data encoding and decoding
The new internal 22 kHz tone generator (patent pending) is factory trimmed in accordance
with the standards, and can be selected through I²C interface TTX bit (or TTX pin) and
activated by a dedicated pin (DSQIN) which allows immediate DiSEqC™ data encoding, or
through TEN I²C bit in case the 22 kHz presence is requested in continuous mode. In
standby condition (EN bit LOW). The TTX function must be disabled setting TTX to LOW.
2.3
DiSEqC™ 2.0 implementation
The built-in 22 kHz Tone detector completes the fully bi-directional DiSEqC™ 2.0 (see Note:)
interfacing. Its input pin (DETIN) must be AC coupled to the DiSEqC™ bus, and extracted
PWK data are available on the DSQOUT pin. To comply with the bi-directional DiSEqC™ 2.0
bus hardware requirements an output R-L filter is needed. The LNBH24 is provided with two
output pins for each section, one for the DC voltage output (VoRX) and one for the 22 kHz
tone transmission (VoTX). The VoTX must be activated only during the tone transmission
while the VoRX provides the 13/18 V output voltage. This allows the 22 kHz Tone to pass
without any losses due to the R-L filter impedance (see Figure 4). During the 22 kHz
transmission, in DiSEqC™ 2.0 applications, activated by DSQIN pin or by the TEN bit, the
VoTX pin must be preventively set ON by the TTX function. This can be controlled both
through the TTX pin and the I²C bit. As soon as the tone transmission is expired, the VoTX
must be disabled by setting the TTX to LOW to set the device in the 22 kHz receiving mode.
The 13/18 V power supply is always provided to the LNB from the VoRX pin through the R-L
filter.
2.4
DiSEqC™ 1.X implementation
When the LNBH24 is used in DiSEqC™ 1.x applications the R-L filter is always needed for
the proper operation of the 22 kHz tone generator (patent pending. See Figure 4). Also in
this case, the TTX function must be preventively enabled before to start the 22 kHz data
transmission and disabled as soon as the data transmission has been expired. The tone can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com