Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBP9 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBP9
Description  LNB Supply and control voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP9 Datasheet(HTML) 1 Page - STMicroelectronics

  LNBP9 Datasheet HTML 1Page - STMicroelectronics LNBP9 Datasheet HTML 2Page - STMicroelectronics LNBP9 Datasheet HTML 3Page - STMicroelectronics LNBP9 Datasheet HTML 4Page - STMicroelectronics LNBP9 Datasheet HTML 5Page - STMicroelectronics LNBP9 Datasheet HTML 6Page - STMicroelectronics LNBP9 Datasheet HTML 7Page - STMicroelectronics LNBP9 Datasheet HTML 8Page - STMicroelectronics LNBP9 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2006
Rev. 3
1/13
13
LNBP8
LNBP9
LNB Supply and control voltage regulator
Feature summary
Simplest integrated solution for the LNB
remote supply and control
500mA Guaranteed output current
Dual input supply for reducing power
dissipation
22KHZ Built-in tone oscillator (LNBP9 version)
Fast oscillator start-up for DiSEqCTM encoding
(LNBP9 version)
Auxiliary modulation input for more flexibility
(LNBP8 version)
Stand-by function
Short circuit and overtemperature protection
Available in through-hole package
Description
Intended for analog and digital satellite receivers,
the LNBP is a monolithic linear voltage regulator,
assembled in PowerFlexTM, specifically designed
to provide the powering voltages and the
interfacing signals to the LNB down-converter.
The regulator output can be logic controlled to be
13V or 18V (typ.) by mean of the VSEL pin for the
remote controlling of the LNB. In order to reduce
the power dissipation of the device when the
lowest output voltage is selected, the regulator
has 2 supply inputs (VCC1 and VCC2). They must
be powered respectively at 15V (min.) and 22V
(min.), and an internal switch will automatically
select the appropriate supply voltage according to
the selected output voltage.
..The TONE pin (only for the LNBP9 version)
activates the internal oscillator so that the DC
output is modulated by a 22KHz square wave.
This internal oscillator is factory trimmed within a
tolerance of +/- 2KHz, thus no further adjustment
or external components are required. A burst
coding of the 22KHz tone can be accomplished
thanks to the fast response of the TONE input and
the prompt oscillator start-up. This helps
designers which want to implement the
DiSEqCTM protocols. In order to improve design
flexibility and to allow implementation of other
LNB remote control standards, an analogic
modulation input pin (EXTM) is available (LNBP8
version only). An appropriate DC blocking
capacitor must be used to couple the modulating
signal source to the EXTM pin. Both versions
integrate thermal and short circuit protection. The
device is packaged in PowerFlex for an easy
through-hole mounting. If an adequate Heatsink is
provided and higher power losses are acceptable,
both supply pins can be powered by the same
23V source without affecting any other circuit
performance.
When the IC is powered and put in Stand-by (EN
pin LOW), the regulator output is disabled and the
IC power consumption is reduced to 300µA typ.
SPAK-7L
(PowerFlexTM)
www.st.com
Order code
Part number
Package
Packaging
SPAK-7L
Tape & reel
LNBP8
LNBP8K7
LNBP8K7-R
LNBP9
LNBP9K7
LNBP9K7-R
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - LNBP9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP9 STMICROELECTRONICS-LNBP9 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
LNBP9L STMICROELECTRONICS-LNBP9L Datasheet
423Kb / 21P
500 mA guaranteed output current
11-Nov-2008
LNBP9V7V STMICROELECTRONICS-LNBP9V7V Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
More results

Similar Description - LNBP9

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
Single LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com