Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BULB49D Datasheet(PDF) 10 Page - STMicroelectronics

Part # BULB49D
Description  High voltage fast-switching NPN power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULB49D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button BULB49D Datasheet HTML 6Page - STMicroelectronics BULB49D Datasheet HTML 7Page - STMicroelectronics BULB49D Datasheet HTML 8Page - STMicroelectronics BULB49D Datasheet HTML 9Page - STMicroelectronics BULB49D Datasheet HTML 10Page - STMicroelectronics BULB49D Datasheet HTML 11Page - STMicroelectronics BULB49D Datasheet HTML 12Page - STMicroelectronics BULB49D Datasheet HTML 13Page - STMicroelectronics BULB49D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
BUL49D - BULB49D
10/15
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1.00
0.0300.039
F1
1.15
1.50
0.045
0.067
F2
1.15
1.50
0.045
0.067
G4.955.20
0.1950.204
G1
2.40
2.70
0.094
0.106
H
10
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.80
10.60
0.385
0.417
L5
2.93.6
0.114
0.141
L6
15.90
16.40
0.626
0.645
L7
99.300.354
0.366
Dia3
3.2
0.118
0.126
TO-220FP mechanical data
L2
L6
L3
12 3
L7
L4
L5
7012510-I
Dia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com