Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33899CVW Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PC33899CVW
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33899CVW Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PC33899CVW Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33899CVW Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33899CVW Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33899CVW Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33899CVW Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33899CVW Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33899CVW Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33899CVW Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33899CVW Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33899
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
ENABLE INPUTS (EN1, EN2)
Logic [0] in either of the Enables (EN1 or EN2) disables all
four of the output drivers (refer to Table 6). While either EN1
or EN2 is at logic [1], the 33899 is still capable of detecting
open circuit and short circuit faults on all of the outputs
interfacing with the external load(s). The EN1 and EN2 inputs
have 50μA pull-downs to ground that disable the outputs
when open circuit conditions occur.
Table 6. Enable Truth Table
INPUT CONTROL OF H-BRIDGE (PWM)
The PWM input pin controls the sequencing of the
PWM’ing high side and low side MOSFETs. A logic [1]
commands the appropriate low side MOSFET (M2 or M4) ON
and the appropriate high side MOSFET (M1 or M3) OFF. A
logic [0] commands the appropriate low side MOSFETs (M2
or M4) OFF and the appropriate high side MOSFETs (M1 or
M3) ON. The high and low side MOSFETs that are PWM’ed
are determined by the commanded direction (FWD or REV).
If a shorted condition exists, the particular output MOSFET
will be latched off after 5.0
μs to 10μs. Subsequent PWM
edges will retry to turn on the same MOSFET. Only when a
thermal fault is reached are all outputs latched off until the
clear fault bit is set by the microprocessor. Any PWM high to
low to high pulse that is shorter than 500ns keeps the low-
side MOSFET from starting to turn off. The rising edge of this
short pulse re-enables the low side MOSFET if the pulse
width is at least 200
μs long (if a short circuit latch-off had
occurred during the previous positive PWM pulse). The PWM
input has a 50
μA pull-down to ground that disables all the
outputs should an open circuit condition occur.
Figure 7. 33899 Operation in Current Reversal
EN1
EN2
Status
0
0
Disabled (Sleep Mode)
0
1
Disabled (Standby Mode)
1
0
Disabled (Standby Mode)
1
1
Enabled (Run Mode)
Forward Current
Reverse Current
Current in Load
reverses polarity
Both High Side
FET’s ON until
next PWM Rising
Edge
Load Current
Low Side FET
Body Diode
High Side FET
Body Diode
S0
S1
PWM
FWD
REV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com