Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF52277 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF52277
Description  ColdFire짰 Microprocessor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52277 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF52277 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF52277 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Electrical Characteristics
MCF5227x ColdFire® Microprocessor Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
21
5.6.1
Gain Calculations
The ideal mapping of input voltage to output digital sample is defined as follows:
Figure 9. Gain Calculations
In general, the mapping function is:
S = G * V
Eqn. 4
Where V is input, S is output, and G is the slope.
Nominal Gain G0 = 4095/3300 = 1.24mV
-1
Eqn. 5
5.7
External Interface Timing Specifications
5.7.1
FlexBus
A multi-function external bus interface called FlexBus is provided with basic functionality to interface to slave-only devices up
to a maximum bus frequency of 66MHz. It can be directly connected to asynchronous or synchronous devices such as external
boot ROMs, flash memories, gate-array logic, or other simple target (slave) devices with little or no additional circuitry. For
asynchronous devices a simple chip-select based interface can be used.
Multiplexer Settling Time
tAMS
3tAIC
cycles
Gain Error
GE
–4
4
lsb1
Offset Error
OE
–2
2
lsb1
Input Capacitance
CAIN
34
pF
Input Leakage Current
IALEAK
uA
Input Current (Touchscreen enable)
IIN_TS_E
uA
1
lsb: least significant bit
Table 12. ASP Electrical Characteristics (continued)
Characteristic
Symbol
Min
Max
Unit
Vi
Sample
G0
4095
SMAX
3300
0
2480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com