Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24128-BFMB3P Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24128-BFMB3P
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BFMB3P Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24128-BFMB3P Datasheet HTML 28Page - STMicroelectronics M24128-BFMB3P Datasheet HTML 29Page - STMicroelectronics M24128-BFMB3P Datasheet HTML 30Page - STMicroelectronics M24128-BFMB3P Datasheet HTML 31Page - STMicroelectronics M24128-BFMB3P Datasheet HTML 32Page - STMicroelectronics M24128-BFMB3P Datasheet HTML 33Page - STMicroelectronics M24128-BFMB3P Datasheet HTML 34Page - STMicroelectronics M24128-BFMB3P Datasheet HTML 35Page - STMicroelectronics M24128-BFMB3P Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Package mechanical data
M24128, M24C64, M24C32
32/39
Figure 17.
UFDFPN8 (MLP8) – 8-lead ultra thin fine pitch dual flat package no lead
2 × 3mm, package outline
1.
Drawing is not to scale.
Table 22.
UFDFPN8 (MLP8) – 8-lead ultra thin fine pitch dual flat package no lead
2 × 3mm, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.55
0.50
0.60
0.0217
0.0197
0.0236
A1
0.02
0.00
0.05
0.0008
0
0.0020
b
0.25
0.20
0.30
0.0098
0.0079
0.0118
D
2.00
1.90
2.10
0.0787
0.0748
0.0827
D2
1.60
1.50
1.70
0.0630
0.0591
0.0669
ddd
0.08
0.0031
E
3.00
2.90
3.10
0.1181
0.1142
0.1220
E2
0.20
0.10
0.30
0.0079
0.0039
0.0118
e0.50–
–
0.0197
–
–
L
0.45
0.40
0.50
0.0177
0.0157
0.0197
L1
0.15
0.0059
L3
0.30
0.0118
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com