Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

908E626 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 908E626
Description  Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E626 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 908E626 Datasheet HTML 17Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 18Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 19Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 20Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 21Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 22Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 23Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 24Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
908E626
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
RESET EXTERNAL SOURCE
External Reset Pin
The microcontroller has the capability of resetting the
SMARTMOS device by pulling down the RST pin.
Reset Mask Register (RMR)
TTEST—High Temperature Reset Test
This read/write bit is for test purposes only. It decreases
the overtemperature shutdown limit for final test. Reset clears
the HTRE bit.
• 1 = Low temperature threshold enabled.
• 0 = Low temperature threshold disabled.
HVRE—High Voltage Reset Enable Bit
This read/write bit enables resets on high voltage
conditions. Reset clears the HVRE bit.
• 1 = High voltage reset enabled.
• 0 = High voltage reset disabled.
HTRE—High Temperature Reset Enable Bit
This read/write bit enables resets on high temperature
conditions. Reset clears the HTRE bit.
• 1 = High temperature reset enabled.
• 0 = High temperature reset disabled.
SERIAL PERIPHERAL INTERFACE
The serial peripheral interface (SPI) creates the
communication link between the microcontroller and the
908E626.
The interface consists of four pins (see Figure 11):
• SS—Slave Select
•MOSI—Master-Out Slave-In
•MISO—Master-In Slave-Out
• SPSCK—Serial Clock (maximum frequency 4.0 MHz)
A complete data transfer via the SPI consists of 2 bytes.
The master sends address and data, slave system status,
and data of the selected address.
Figure 11. SPI Protocol
During the inactive phase of SS, the new data transfer is
prepared. The falling edge on the SS line indicates the start
of a new data transfer and puts MISO in the low-impedance
mode. The first valid data are moved to MISO with the rising
edge of SPSCK.
The MISO output changes data on a rising edge of
SPSCK. The MOSI input is sampled on a falling edge of
SPSCK. The data transfer is only valid if exactly 16 sample
clock edges are present in the active phase of SS.
Register Name and Address: RMR - $06
Bit7
6
5
4
3
2
1
Bit0
Read
TTEST
0
0
0
0
0
HVRE
HTRE
Write
Reset
0
0
0
0
0
0
0
0
S7
S6
S5
S4
S3
S2
S1
S0
R/W
A4
A3
A2
A1
A0
P
X
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
System Status Register
Read/Write, Address, Parity
Data (Register write)
Data (Register read)
Rising edge of SPSCK
Change MISO/MOSI
Output
Falling edge of SPSCK
Sample MISO/MOSI
Input
Slave latch
register address
Slave latch
data
SS
MOSI
MISO
SPSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com