Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF18085BLR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF18085BLR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF18085BLR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF18085BLR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF18085BLR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF18085BLR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF18085BLR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF18085BLR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF18085BLR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF18085BLR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF18085BLR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF18085BLR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor
MRF18085BLR3 MRF18085BLSR3
C10
VSUPPLY
C2
C1
R1
R2
R5
R3
R4
Z5
T1
T2
C5
Z4
RF
INPUT
RF
OUTPUT
Z2
C7
Z9
+
Figure 3. 1930 - 1990 MHz GSM EDGE Optimized Demo Board Schematic
B1
Short RF Ferrite Bead, #27 430119447
C1, C2
1 mF Chip Capacitors, ACCU-P (0805)
C3, C4
1 nF Chip Capacitors, ACCU-P (0805)
C5
10 pF Chip Capacitor, ACCU-P (0805)
C7
1.5 pF Chip Capacitor, ACCU-P (0805)
C8
8.2 pF Chip Capacitor, ACCU-P (0805)
C9
1.0 pF Chip Capacitor, ACCU-P (0805)
C10
100 mF, 63 V Electrolytic Capacitor
C11, C12
10 nF Chip Capacitors (0805)
C13
10 mF, 35 V Tantalum Capacitor
C14
8.2 pF Chip Capacitor, ACCU-P (0805)
R1
10 Ω Chip Resistor (0805)
R2
1 kΩ Chip Resistor (0805)
R3
1.2 kΩ Chip Resistor (0805)
R4
2.2 kΩ Chip Resistor (0805)
R5
5 kΩ Chip Resistor (0805)
R6, R7
9 Ω Chip Resistors (1206) (18 Ω x 18 Ω)
T1
Voltage Regulator, Micro-8, #LP2951
T2
NPN Bipolar Transistor, SOT-23, #BC847
Z1 - Z9
Printed Transmission Lines
Substrate
0.5 mm Rogers 4350 (er = 3.53)
C3
C4
Z3
Z1
C9
C11
C8
Z8
Z7
Z6
C13
VBIAS
C14
R6
+
C12
R7
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com