Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF19030LR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF19030LR3
Description  RF Power Field Effect Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19030LR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF19030LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MRF19030LR3 MRF19030LSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for class AB PCN and PCS base station applications with
frequencies from 1800 to 2000 MHz. Suitable for FM, TDMA, CDMA and
multicarrier amplifier applications.
• CDMA Performance @ 1990 MHz, 26 Volts
IS-95 CDMA Pilot, Sync, Paging, Traffic Codes 8 Thru 13
885 kHz — -47 dBc in 30 kHz BW
1.25 MHz — -55 dBc in 12.5 kHz BW
2.25 MHz — -55 dBc in 1 MHz BW
Output Power — 4.5 Watts Avg.
Power Gain — 13.5 dB
Efficiency — 17%
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 1960 MHz, 30 Watts CW
Output Power
Features
• Internally Matched for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Low Gold Plating Thickness on Leads, 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 32 mm, 13 Inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
83.3
0.48
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
2.1
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
2 (Minimum)
Machine Model
M3 (Minimum)
Document Number: MRF19030
Rev. 12, 5/2006
Freescale Semiconductor
Technical Data
MRF19030LR3
MRF19030LSR3
1930-1990 MHz, 30 W, 26 V
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465E-04, STYLE 1
NI-400
MRF19030LR3
CASE 465F-04, STYLE 1
NI-400S
MRF19030LSR3
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF19030LR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF19030LR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com