Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BULB742C Datasheet(PDF) 4 Page - STMicroelectronics

Part # BULB742C
Description  High voltage fast-switching NPN power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULB742C Datasheet(HTML) 4 Page - STMicroelectronics

  BULB742C Datasheet HTML 1Page - STMicroelectronics BULB742C Datasheet HTML 2Page - STMicroelectronics BULB742C Datasheet HTML 3Page - STMicroelectronics BULB742C Datasheet HTML 4Page - STMicroelectronics BULB742C Datasheet HTML 5Page - STMicroelectronics BULB742C Datasheet HTML 6Page - STMicroelectronics BULB742C Datasheet HTML 7Page - STMicroelectronics BULB742C Datasheet HTML 8Page - STMicroelectronics BULB742C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
BUL742C - BULB742C
4/12
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE =1050 V
0.2
10
µA
ICEO
Collector cut-off current
(IB = 0)
VCE =400 V
10
250
µA
V(BR)EBO
Emitter base breakdown
voltage (IC = 0)
IE = 1 mA
15
19
24
V
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≤1.5%
Collector-emitter
sustaining voltage
(IB = 0)
IC =10 mA
400
450
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 1 A
_
IB = 0.2 A
IC = 3.5 A _ _
IB = 1 A
0.15
0.6
0.5
1.5
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 3.5 A
IB = 1 A
1.1
1.5
V
hFE
(1)
DC current gain
IC = 0.1 A _
VCE = 5 V
IC = 0.8 A
_ _ VCE = 3 V
48
25
75
35
100
50
ts
tf
Resistive load
Storage time
Fall time
IC = 2 A
VCC = 125 V
IB1 = -IB2 = 400 mA
tp = 300 µs
VBE(off) = -5 V
2.4
350
3.5
500
µs
ns
Ear
Repetitive avalanche
energy
L = 2 mH
C = 1.8 nF
VBE(off) = -5 V
6mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com