Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF372R3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF372R3
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372R3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF372R3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MRF372R3 MRF372R5
7
RF Device Data
Freescale Semiconductor
Figure 9. Narrowband Series Equivalent Source and Load Impedance
f
MHz
Zsource
Ω
Zload
Ω
845
860
875
3.99 - j2.50
3.18 - j1.46
3.56 - j1.98
5.63 + j0.38
5.28 + j0.43
4.94 + j0.56
VDD = 32 V, IDQ = 800 mA, Pout = 180 W PEP
f
GHz
Zsource
Ω
Zload
Ω
1.69
1.72
1.75
2.85 + j14.30
1.23 + j9.37
1.54 + j9.60
1.73 + j9.62
Harmonics
3.27 + j14.32
3.35 + j14.36
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured
from drain to drain, balanced configuration.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
−
−+
+
Zsource
Zload
f = 845 MHz
f = 845 MHz
f = 875 MHz
Zo = 10 Ω
f = 875 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com