Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPX5100 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPX5100
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5100 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPX5100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPX5100 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MPX5100
Sensors
Freescale Semiconductor
15
PACKAGE DIMENSIONS
C
E
V
J
PORT #1
POSITIVE
PRESSURE
(P1)
-T-
-P-
M
Q
M
0.25 (0.010)
T
D 6 PL
F
G
K
PIN 1
U
A
B
R
S
N
-Q-
S
P
M
0.13 (0.005)
Q S
T
65
4
3
2
1
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
MILLIMETERS
INCHES
0.100 BSC
2.54 BSC
DIM
A
B
C
D
E
F
G
J
K
N
P
Q
R
S
U
V
MIN
1.080
0.740
0.630
0.027
0.160
0.048
0.014
0.070
0.150
0.150
0.440
0.695
0.840
0.182
0.220
MAX
1.120
0.760
0.650
0.033
0.180
0.064
0.016
0.080
0.160
0.160
0.460
0.725
0.860
0.194
0.240
MIN
27.43
18.80
16.00
0.68
4.06
1.22
0.36
1.78
3.81
3.81
11.18
17.65
21.34
4.62
5.59
MAX
28.45
19.30
16.51
0.84
4.57
1.63
0.41
2.03
4.06
4.06
11.68
18.42
21.84
4.93
6.10
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
CASE 867F-03
ISSUE D
UNIBODY PACKAGE
CASE 1369-01
ISSUE B
SMALL OUTLINE PACKAGE
PAGE 2 OF 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com